Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 172 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 172 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 168Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 169Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 170Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 171Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 172Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 173Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 174Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 175Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 176Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 410 page
background image
Page 158
13. 16-bit Timer Counter (TCA)
13.4 Timer Function
TMP89FS60
RA001
13.4.5 Pulse width measurement mode
In the pulse width measurement mode, the up counter starts counting at the rising/falling edge(s) of the input
to the TCA0 pin and measures the input pulse width based on the internal clock.
13.4.5.1 Setting
Setting the operation mode selection TA0MOD<TA0M> to "110" activates the pulse width measure-
ment mode. Select the source clock at TA0MOD<TA0CK>.
Select the trigger edge at the trigger edge input selection TA0MOD<TA0TED>. Setting
TA0MOD<TA0TED> to "0" selects the rising edge, and setting it to "1" selects the falling edge as a trig-
ger to start the capture.
The operation after capturing is determined by the pulse width measurement mode control
TA0MOD<TA0MCAP>. Setting TA0MOD<TA0MCAP> to "0" selects the double-edge capture. Setting
TA0MOD<TA0MCAP> to "1" selects the single-edge capture.
The operation to be executed in case of an overflow of the up counter can be selected at the overflow
interrupt control TA0CR<TA0OVE>. Setting TA0OVE to "1" makes an INTTA0 interrupt request occur
in case of an overflow. Setting TA0OVE to "0" makes no INTTA0 interrupt request occur in case of an
overflow.
Note that this mode uses the TA0 input pin, and the TCA0 pin must be set to the input mode beforehand
in port settings.
The operation is started by setting TA0CR<TA0S> to "1". After the timer is started, writing to
TA0MOD and TA0CR<TA0OVE> is disabled. Be sure to complete the required mode settings before
starting the timer.
13.4.5.2 Operation
After the timer is started, when the selected trigger edge (start edge) is input to the TCA0 pin, the up
counter increments according to the selected source clock. Subsequently, when the edge opposite to the
selected edge is detected, the up counter value is captured into TA0DRB, an INTTA0 interrupt request is
generated, and TA0SR<TA0CPFB> is set to "1". Depending on the TA0MOD<TA0MCAP> setting, the
operation differs as follows:
• Double-edge capture (When TA0MOD<TA0MCAP> is "0")
The up counter continues counting up after the edge opposite to the selected edge is detected.
Subsequently, when the selected trigger edge is input, the up counter value is captured into
TA0DRA, an INTTA0 interrupt request is generated, and TA0SR<TA0CPFA> is set to "1". At
this time, the up counter is cleared to "0000H".
• Single-edge capture (When TA0MOD<TA0MCAP> is "1")
The up counter stops counting up and is cleared to "0000H" when the edge opposite to the
selected edge is detected. Subsequently, when the start edge is input, the up counter restarts
increment.
When the up counter overflows during capturing, the overflow flag TA0SR<TA0OVF> is set to "1". At
this time, an INTTA0 interrupt request occurs if the overflow interrupt control TA0CR<TA0OVE> is set
to "1".
The
capture
completion
flags
(TA0SR<TA0CPFA,
TA0CPFB>
and
the
overflow
flag
(TA0SR<TA0OVF>) are cleared to "0" automatically when TA0SR is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com