Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 168 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 168 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 166Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 167Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 168Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 169Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 170Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 171Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 172Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 410 page
background image
Page 154
13. 16-bit Timer Counter (TCA)
13.4 Timer Function
TMP89FS60
RA001
13.4.3 Event counter mode
In the event counter mode, the up counter counts up at the edge of the input to the TCA0 pin.
13.4.3.1 Setting
Setting the operation mode selection TA0MOD<TA0M> to "010" activates the event counter mode.
Set the trigger edge at the external trigger input selection TA0MOD<TA0TED>. Setting
TA0MOD<TA0TED> to "0" selects the rising edge, and setting it to "1" selects the falling edge for count-
ing up.
Note that this mode uses the TA0 input pin, and the TCA0 pin must be set to the input mode beforehand
in port settings.
The operation is started by setting TA0CR<TA0S> to "1". After the timer is started, writing to
TA0MOD and TA0CR<TA0OVE> is disabled. Be sure to complete the required mode settings before
starting the timer.
13.4.3.2 Operation
After the event counter mode is started, when the selected trigger edge is input to the TCA0 pin, the up
counter increments.
When a match between the up counter value and the value set to timer register A (TA0DRA) is detected,
an INTTA0 interrupt request is generated and the up counter is cleared to "0000H". After being cleared,
the up counter continues counting and counts up at each edge of the input to the TCA0 pin. Setting
TA0CR<TA0S> to "0" during the operation causes the up counter to stop counting and be cleared to
"0000H".
The maximum frequency to be supplied is fcgck/2 [Hz] (in the NORMAL 1/2 or IDLE 1/2 mode) or fs/
2 [Hz] (in the SLOW 1/2 or SLEEP 1 mode), and a pulse width of two machine cycles or more is required
at both the "H" and "L" levels.
13.4.3.3 Auto capture
Refer to "13.4.1.3 Auto capture".
13.4.3.4 Register buffer configuration
Refer to "13.4.1.4 Register buffer configuration".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com