Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 164 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 164 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 166Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 167Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 168Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 410 page
background image
Page 150
13. 16-bit Timer Counter (TCA)
13.4 Timer Function
TMP89FS60
RA001
Figure 13-2 Timer Mode Timing Chart
Source clock
Counter
Timer start
1
0
n
m
Write to TA0DRAL
Write to TA0DRAH
TA0DRAL
Match detection
Write n
Write s
Write m
Write r
Reflected by writing to TA0DRAH
Reflected by writing to TA0DRAH
Reflected by
an interrupt
Reflected at the same time as data
is written into TA0DRAH while
the timer is stopped
Counter clear
INTTCA interrupt request
234
mn-1
mn
01
rs
01
22
0
3
TA0DRAH
TA0CR<TA0S>
s
r
Timer stop
Match detection
Counter clear
rs-1
TA0MOD<TA0DBE>
When the double buffer is disabled (TA0MOD<TA0DBE>=”0”)
Source clock
Counter
Timer start
1
0
n
m
Write to TA0DRAL
Write to TA0DRAH
TA0DRAL
Match detection
Write n
Write s
Write m
Write r
Counter clear
INTTCA interrupt request
234
mn-1
mn
01
mn
01
23
TA0DRAH
TA0CR<TA0S>
s
r
n
Temporary buffer
(8 bits)
s
n
Temporary buffer
(8 bits)
s
mn
Double buffer
(16 bits)
rs
Match detection
Match detection
Counter clear
01
mn-1
rs
rs-1
TA0MOD<TA0DBE>
When the double buffer is enabled (TA0MOD<TA0DBE>=”1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com