Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 163 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 163 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 159Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 166Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 167Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 410 page
background image
Page 149
TMP89FS60
RA001
13.4.1.4 Register buffer configuration
(1)
Temporary buffer
The TMP89FS60 contains an 8-bit temporary buffer. When a write instruction is executed on
TA0DRAL, the data is first stored into this temporary buffer, whether the double buffer is enabled or
disabled. Subsequently, when a write instruction is executed on TA0DRAH, the set value is stored
into the double buffer or TA0DRAH. At the same time, the set value in the temporary buffer is stored
into the double buffer or TA0DRAL. (This structure is designed to enable the set values of the lower-
level and higher-level registers simultaneously.) Therefore, when setting data to TA0DRA, be sure to
write the data into TA0DRAL and TA0DRAH in this order.
See Figure 13-1 for the temporary buffer configuration.
(2)
Double buffer
In the TMP89FS60, the double buffer can be used by setting TA0CR<TA0DBF>. Setting
TA0CR<TA0DBF> to "0" disables the double buffer. Setting TA0CR<TA0DBF> to "1" enables the
double buffer.
See Figure 13-1 for the double buffer configuration.
- When the double buffer is enabled
When a write instruction is executed on TA0DRAH during the timer operation, the set
value is first stored into the double buffer, and TA0DRAH/L are not updated immediately.
TA0DRAH/L compare the up counter value to the last set values. If the values are matched,
an INTTCA0 interrupt request is generated and the double buffer set value is stored in
TA0DRAH/L. Subsequently, the match detection is executed using a new set value.
When a read instruction is executed on TA0DRAH/L, the double buffer value (the last set
value) is read, rather than the TA0DRAH/L values (the current effective values).
When a write instruction is executed on TA0DRAH/L while the timer is stopped, the set
value is immediately stored into both the double buffer and TA0DRAH/L.
- When the double buffer is disabled
When a write instruction is executed on TA0DRAH during the timer operation, the set
value is immediately stored into TA0DRAH/L. Subsequently, the match detection is exe-
cuted using a new set value.
If the values set to TA0DRAH/L are smaller than the up counter value, the match detection
is executed using a new set value after the up counter overflows. Therefore, the interrupt
request interval may be longer than the selected time. If that is a problem, enable the double
buffer.
When a write instruction is executed on TA0DRAH/L while the timer is stopped, the set
value is immediately stored into TA0DRAH/L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com