Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 159 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 159 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 155Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 156Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 157Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 158Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 159Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 410 page
background image
Page 145
TMP89FS60
RA001
Note 1: The auto capture can be used only in the timer, event counter, external trigger timer and window modes.
Note 2: Set TA0TFF, TA0OVE and TA0NC in the stopped state (TA0S="0"). Writing is invalid during the operation (TA0S="1").
Note 3: When the STOP mode is started, the start control (TA0S) is automatically cleared to "0" and the timer stops. Set TA0S
again to use the timer counter after the release of the STOP mode.
Note 4: When a read instruction is executed on TA0CR, bits 3 and 2 are read as "0".
Note 5: Do not set TA0NC to "01" or "10" when the SLOW 1/2 or SLEEP 1 mode is used. Setting TA0NC to "01" or "10" stops the
noise canceller and no signal is input to the timer.
Timer counter A0 control register
TA0CR
76543
210
(0x0032)
Bit Symbol
TA0OVE
TA0TFF
TA0NC
-
-
TA0CAP
TA0MPPG
TA0S
Read/Write
R/W
R/W
R/W
R
R
R/W
R/W
After reset
01000
000
TA0OVE
Overflow interrupt control
0
1
Generate no INTTA0 interrupt request when the counter overflow
occurs.
Generate an INTTA0 interrupt request when the counter overflow
occurs.
TA0TFF
Timer F/F control
0
1
Clear
Set
TA0NC
Noise canceller sampling interval
setting
NORMAL 1/2 or IDLE 1/2 mode
SLOW1/2 or SLEEP1 mode
00
No noise canceller
No noise canceller
01
fcgck/2
-
10
fcgck/22
-
11
fcgck/28
fs/2
TA0ACAP
Auto capture function
0
1
Disable the auto capture
Enable the auto capture
TA0MPPG
PPG output control
0
1
Continuous
One-shot
TA0S
Timer counter A start control
0
1
Stop & counter clear
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com