Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 156Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 157Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 158Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 159Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 410 page
background image
Page 146
13. 16-bit Timer Counter (TCA)
13.2 Control
TMP89FS60
RA001
Note 1: TA0OVF, TA0CPFA and TA0CPFB are cleared to "0" automatically after TA0SR is read. Writing to TA0SR is invalid.
Note 2: When a read instruction is executed on TA0SR, bits 6 to 2 are read as "0".
Note 1: When a write instruction is executed on TA0DRAL (TA0DRBL), the set value does not become effective immedi-
ately, but is temporarily stored in the temporary buffer. Subsequently, when a write instruction is executed on the
higher-level register, TA0DRAH (TA0DRBH), the 16-bit set values are collectively stored in the double buffer or
TA0DRAL/H. When setting data to the timer counter A0 register, be sure to write the data into the lower level reg-
ister and the higher level in this order.
Note 2: The timer counter A0 register is not writable in the pulse width measurement mode.
Timer counter A0 status register
TA0SR
76543
210
(0x0033)
Bit Symbol
TA0OVF
----
-
TA0CPFA
TA0CPFB
Read/Write
RRRRRRRR
After reset
00000
000
TA0OVF
Overflow flag
0
1
No overflow has occurred.
At least an overflow has occurred.
TA0CPFA
Capture completion flag A
0
1
No capture operation has been executed.
At least a pulse width capture has been executed in the double-edge
capture.
TA0CPFB
Capture completion flag B
0
1
No capture operation has been executed.
At least a capture operation has been executed in the single-edge cap-
ture.
At least a pulse duty width capture has been executed in the double-
edge capture.
Timer counter A0 register AH
TA0DRAH
15
141312
11
10
9
8
(0x002E)
Bit Symbol
TA0DRAH
Read/Write
R/W
After reset
11111
111
Timer counter A0 register AL
TA0DRAL
76543
210
(0x002D)
Bit Symbol
TA0DRAL
Read/Write
R/W
After reset
11111
111
Timer counter A0 register BH
TA0DRBH
15
141312
11
10
9
8
(0x0030)
Bit Symbol
TA0DRBH
Read/Write
R/W
After reset
11111
111
Timer counter A0 register BL
TA0DRBL
76543
210
(0x002F)
Bit Symbol
TA0DRBL
Read/Write
R/W
After reset
11111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com