Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 158 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 158 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 154Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 155Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 156Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 157Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 158Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 159Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 410 page
background image
Page 144
13. 16-bit Timer Counter (TCA)
13.2 Control
TMP89FS60
RA001
Note 1: fcgck, Gear clock [Hz]; fs, Low-frequency clock [Hz]
Note 2: Set TA0MOD in the stopped state (TA0CR<TA0S>="0"). Writing to TA0MOD is invalid during the operation
(TA0CR<TA0S>="1").
Timer counter A0 mode register
TA0MOD
76543
210
(0x0031)
Bit Symbol
TA0DBE
TA0TED
TA0MCAP
TA0METT
TA0CK
TA0M
Read/Write
R/W
R/W
R/W
R/W
R/W
After reset
10000
000
TA0DBE
Double buffer control
0
1
Disable the double buffer
Enable the double buffer
TA0TED
External trigger input selection
0
1
Rising edge/H level
Falling edge/L level
TA0MCAP
Pulse width measurement mode
control
0
1
Double edge capture
Single edge capture
TA0METT
External trigger timer mode control
0
1
Trigger start
Trigger start & stop
TA0CK
Timer counter 1 source clock
selection
NORMAL 1/2 or IDLE 1/2 mode
SLOW1/2 or SLEEP1
mode
SYSCR1<DV9CK>
="0"
SYSCR1<DV9CK>
="1"
00
fcgck/210
fs/23
fs/23
01
fcgck/26
fcgck/26
-
10
fcgck/22
fcgck/22
-
11
fcgck/2
fcgck/2
-
TA0M
Timer counter 1 operation mode
selection
000
Timer mode
001
Timer mode
010
Event counter mode
011
PPG output mode (Software start)
100
External trigger timer mode
101
Window mode
110
Pulse width measurement mode
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com