Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 161 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 161 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 157Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 158Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 159Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 160Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 161Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 410 page
background image
Page 147
TMP89FS60
RA001
13.3 Low Power Consumption Function
Timer counter A0 has the low power consumption register (POFFCR0) that saves power consumption when the
timer is not used.
Setting POFFCR0<TCA0EN> to "0" disables the basic clock supply to timer counter A0 to save power. Note that
this makes the timer unusable. Setting POFFCR0<TCA0EN> to "1" enables the basic clock supply to timer counter
A0 and allows the timer to operate.
After reset, POFFCR0<TCA0EN> is initialized to "0", and this makes the timer unusable. When using the timer
for the first time, be sure to set POFFCR0<TCA0EN> to "1" in the initial setting of the program (before the timer
control register is operated).
Do not change POFFCR0<TCA0EN> to "0" during the timer operation. Otherwise timer counter A0 may operate
unexpectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com