Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 166 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 166 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 162Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 166Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 167Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 168Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 169Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 170Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 410 page
background image
Page 152
13. 16-bit Timer Counter (TCA)
13.4 Timer Function
TMP89FS60
RA001
13.4.2 External trigger timer mode
In the external trigger timer mode, the up counter starts counting when it is triggered by the input to the
TCA0 pin.
13.4.2.1 Setting
Setting the operation mode selection TA0MOD<TA0M> to "100" activates the external trigger timer
mode. Select the source clock at TA0MOD<TA0CK>.
Select the trigger edge at the trigger edge input selection TA0MOD<TA0TED>. Setting
TA0MOD<TA0TED> to "0" selects the rising edge, and setting it to "1" selects the falling edge.
Note that this mode uses the TA0 input pin, and the TCA0 pin must be set to the input mode beforehand
in port settings.
The operation is started by setting TA0CR<TA0S> to "1". After the timer is started, writing to
TA0MOD and TA0CR<TA0OVE> is disabled. Be sure to complete the required mode settings before
starting the timer.
13.4.2.2 Operation
After the timer is started, when the selected trigger edge is input to the TCA0 pin, the up counter incre-
ments according to the selected source clock. When a match between the up counter value and the value
set to timer register A (TA0DRA) is detected, an INTTA0 interrupt request is generated and the up counter
is cleared to "0000H". After being cleared, the up counter continues counting.
When TA0MOD<TA0METT> is "1" and the edge opposite to the selected trigger edge is detected, the
up counter stops counting and is cleared to "0000H". Subsequently, when the selected trigger edge is
detected, the up counter restarts counting. In this mode, an interrupt request can be generated by detecting
that the input pulse exceeds a certain pulse width. If TA0MOD<TA0METT> is "0", the detection of the
selected edge and the opposite edge is ignored during the period from the detection of the specified trigger
edge and the start of counting through until the match detection.
Setting TA0CR<TA0S> to "0" during the timer operation causes the up counter to stop counting and be
cleared to "0000H".
13.4.2.3 Auto capture
Refer to "13.4.1.3 Auto capture".
13.4.2.4 Register buffer configuration
Refer to "13.4.1.4 Register buffer configuration".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com