Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 167 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 167 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 163Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 164Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 165Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 166Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 167Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 168Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 169Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 170Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 171Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 410 page
background image
Page 153
TMP89FS60
RA001
Figure 13-4 External Trigger Timer Timing Chart
Source clock
Counter
Timer start
Counting
start
Edge is invalid
during counting
Counting
start
1
0
n
m
Write to TA0DRAL
Write to TA0DRAH
TA0DRAL
Match detection
Write n
Write s
Write m
Write r
Reflected by writing to TA0DRAH
Reflected by writing to TA0DRAH
Counter
clear
INTTCA interrupt request
23
mn-1
mn
01
rs
01
22
0
3
TA0DRAH
TA0CR<TA0S>
s
r
Timer stop
Match detection
Counter
clear
rs-1
TA0MOD<TA0TED>
TA0 pin input
When the trigger is started (TA0MOD<TA0METT>=”0”)
Timer start
Counting
start
Counting
start
Counting
start
Counting
stop
1
0
n
m
TA0DRAL
Match detection
Write n
Write s
Write m
Write r
Reflected by writing to TA0DRAH
Reflected by writing
to TA0DRAH
Counter
clear
Counter
clear
INTTCA interrupt request
23
mn-1
mn
01
rs
01
1
20
0
TA0DRAH
TA0CR<TA0S>
s
r
Timer stop
Match detection
Counter
clear
rs-1
TA0MOD<TA0TED>
When the trigger is started and stopped (TA0MOD<TA0METT>=”1”)
Edge is invalid
during counting
Source clock
Counter
Write to TA0DRAL
Write to TA0DRAH
TA0 pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com