Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 173 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 173 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 169Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 170Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 171Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 172Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 173Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 174Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 175Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 176Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 177Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 410 page
background image
Page 159
TMP89FS60
RA001
The captured value must be read from TA0DRB (and also from TA0DRA for the double-edge capture)
before the next trigger edge is detected. If the captured value is not read, it becomes undefined. TA0DRA
and TA0DRB must be read by using a 16-bit access instruction.
Setting TA0CR<TA0S> to "0" during the timer operation causes the up counter to stop counting and be
cleared to "0000H".
Note 1: After the timer is started, if the edge opposite to the selected trigger edge is detected first, no capture
is executed and no INTTA0 interrupt request occurs. In this case, the capture starts when the selected
trigger edge is detected next.
Figure 13-7 Pulse Width Measurement Mode Timing Chart
Source clock
Counter
Counter clear
Counter clear
Counter clear Counter clear
Timer start
Count start
Count start
After the timer is started, if the falling edge
is detected first, no interrupt occurs.
1
0
TA0DRBH, L
INTTCA interrupt request
0
24
3
3
mn-1
mn
1
0
mn
20
TA0CR<TA0S>
Timer stop
TA0MOD<TA0TED>
TA0 pin input
Single-edge capture (TA0MOD<TAMCAP>=”0”)
Source clock
Counter
Timer start
After the timer is started, if the falling edge
is detected first, no interrupt occurs.
1
0
TA0DRBH, L
INTTCA interrupt request
0
24
3
mn-1 mn mn+1
st-1
st
mn
0
012
0
TA0DRAH, L
st
TA0CR<TA0S>
Timer stop
TA0MOD<TA0TED>
TA0 pin input
Double-edge capture (TA0MOD<TAMCAP>=”1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com