Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 182 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 182 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 178Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 179Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 180Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 181Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 182Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 183Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 410 page
background image
Page 168
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Set T00MOD while the timer is stopped. Writing data into T00MOD is invalid during the timer operation.
Note 3: In the 8-bit timer/event modes, the TFF0 setting is invalid. In this mode, when the PWM0 and PPG0 pins are set as the
function output pins in the port setting, the pins always output the "H" level.
Note 4: When EIN0 is set to "1" and the external clock input is selected as the source clock, the TCK0 setting is ignored.
Note 5: When the T001CR<TCAS> bit is "1", timer 00 operates in the 16-bit mode. The T00MOD setting is invalid and timer 00
cannot be used independently in this mode. When the PWM0 and PPG0 pins are set to the function output pins in the port
setting, the pins always output the "H" level.
Note 6: When the 16-bit mode is selected at T001CR<TCAS>, the timer start is controlled at T001CR<T01RUN>. Timer 00 is not
started by writing data into T001CR<T00RUN>.
Timer counter 00 mode register
T00MOD
76543
210
(0x002A)
Bit Symbol
TFF0
DBE0
TCK0
EIN0
TCM0
Read/Write
R/W
R/W
R/W
R/W
R/W
After reset
11000
000
TFF0
Timer F/F0 control
0
1
Clear
Set
DBE0
Double buffer control
0
1
Disable the double buffer
Enable the double buffer
TCK0
Operation clock selection
NORMAL1/2 or IDLE1/2 mode
SLOW1/2 or SLEEP1
mode
SYSCR1<DV9CK>
= "0"
SYSCR1<DV9CK>
= "1"
000
fcgck/211
fs/24
fs/24
001
fcgck/210
fs/23
fs/23
010
fcgck/28
fcgck/28
-
011
fcgck/26
fcgck/26
-
100
fcgck/24
fcgck/24
-
101
fcgck/22
fcgck/22
-
110
fcgck/2
fcgck/2
-
111
fcgck
fcgck
fs/22
EIN0
Selection for using external source
clock
0
1
Select the internal clock as the source clock.
Select an external clock as the source clock. (the falling edge of the
TC00 pin)
TCM0
Operation mode selection
00
8-bit timer/event counter modes
01
8-bit timer/event counter modes
10
8-bit pulse width modulation output (PWM) mode
11
8-bit programmable pulse generate (PPG) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com