Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 184 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 184 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 180Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 181Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 182Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 183Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 410 page
background image
Page 170
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
Note 1: fcgck: Gear clock [Hz], fs: Low-frequency clock [Hz]
Note 2: Set T01MOD while the timer is stopped. Writing data into T01MOD is invalid during the timer operation.
Note 3: In the 8-bit timer/event modes, the TFF1 setting is invalid. In this mode, when the PWM1 and PPG1 pins are set as the
function output pins in the port setting, the pins always output the "H" level.
Note 4: When EIN1 is set to "1" and the external clock input is selected as the source clock, the TCK1 setting is ignored.
Timer counter 01 mode register
T01MOD
76543
210
(0x002B)
Bit Symbol
TFF1
DBE1
TCK1
EIN1
TCM1
Read/Write
R/W
R/W
R/W
R/W
R/W
After reset
11000
000
TFF1
Timer F/F1 control
0
1
Clear
Set
DBE1
Double buffer control
0
1
Disable the double buffer
Enable the double buffer
TCK1
Operation clock selection
NORMAL1/2 or IDLE1/2 mode
SLOW1/2 or SLEEP1
mode
SYSCR1<DV9CK>
= "0"
SYSCR1<DV9CK>
= "1"
000
fcgck/211
fs/24
fs/24
001
fcgck/210
fs/23
fs/23
010
fcgck/28
fcgck/28
-
011
fcgck/26
fcgck/26
-
100
fcgck/24
fcgck/24
-
101
fcgck/22
fcgck/22
-
110
fcgck/2
fcgck/2
-
111
fcgck
fcgck
fs/22
EIN1
Selection for using external source
clock
0
1
Select the internal clock as the source clock.
Select an external clock as the source clock. (the falling edge of the
TC01 pin)
TCM1
Operation mode selection
T001CR<TCAS>="0"
(8-bit mode)
T001CR<TCAS>="1"
(16-bit mode)
00
8-bit timer/event counter modes
16-bit timer/event counter modes
01
8-bit timer/event counter modes
16-bit timer/event counter modes
10
8-bit pulse width modulation out-
put (PWM) mode
12-bit pulse width modulation out-
put (PWM) mode
11
8-bit programmable pulse gener-
ate (PPG) mode
16-bit programmable pulse gener-
ate (PPG) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com