Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 188 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 188 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 410 page
background image
Page 174
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.3 Low Power Consumption Function
Timer counters 00 and 01 have the low power consumption registers (POFFCR0) that save power when the timers
are not used.
Setting POFFCR0<TC001EN> to "0" disables the basic clock supply to timer counters 00 and 01 to save power.
Note that this renders the timers unusable. Setting POFFCR0<TC001EN> to "1" enables the basic clock supply to
timer counters 00 and 01 and allows the timers to operate.
After reset, POFFCR0<TC001EN> are initialized to "0", and this makes the timers unusable. When using the tim-
ers for the first time, be sure to set POFFCR0<TC001EN> to "1" in the initial setting of the program (before the
timer control registers are operated).
Do not change POFFCR0<TC001EN> to "0" during the timer operation. Otherwise timer counters 00 and 01 may
operate unexpectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com