Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 192 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 192 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 194Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 410 page
background image
Page 178
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.2 8-bit event counter mode
In the 8-bit event counter mode, the up counter counts up at the falling edge of the input to the TC00 or TC01
pin. The operation of TC00 is described below, and the same applies to the operation of TC01.
14.4.2.1 Setting
TC00 is put into the 8-bit event counter mode by setting T00MOD<TCM0> to "00", T001CR<TCAS>
to "0" and T00MOD<EIN0> to "1". Set the count value to be used for the match detection as an 8-bit
value at the timer register T00REG.
Set T00MOD<DBE0> to "1" to use the double buffer.
Setting T001CR<T00RUN> to "1" starts the operation. After the timer is started, writing to T00MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer.
14.4.2.2 Operation
Setting T001CR<T00RUN> to "1" allows the 8-bit up counter to increment at the falling edge of the
TC00 pin. When a match between the up-counter value and the T00REG set value is detected, an INTT00
interrupt request is generated and the up counter is cleared to "0x00". After being cleared, the up counter
restarts counting. Setting T001CR<T00RUN> to "0" during the timer operation makes the up counter stop
counting and be cleared to "0x00".
The maximum frequency to be supplied is fcgck/22 [Hz] (in NORMAL1/2 or IDLE1/2 mode) or fs/24
[Hz] (in SLOW1/2 or SLEEP1 mode), and a pulse width of two machine cycles or more is required at
both the "H" and "L" levels.
14.4.2.3 Double buffer
Refer to "14.4.1.3 Double buffer".
(Example) Operate TC00 in the 8-bit event counter mode and generate an interrupt each time 16 falling edges are detected at the
TC00 pin.
LD
(POFFCR0),0x10
; Sets TC001EN to "1"
DI
; Sets the interrupt master enable flag to "disable"
SET
(EIRH).4
; Sets the INTTC00 interrupt enable register to "1"
EI
; Sets the interrupt master enable flag to "enable"
LD
(T00MOD),0xC4
; Selects to the 8-bit event counter mode
LD
(T00REG),0x10
; Sets the timer register
SET
(T001CR).0
; Starts TC00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com