Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 191 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 191 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 194Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 410 page
background image
Page 177
TMP89FS60
RA002
Figure 14-2 Timer Mode Timing Chart
Figure 14-3 Operation When T00REG and the Up Counter Have the Same Value
Source clock
Counter
Timer start
1
0
m
Write to T00REG
Match detection
Write m
Write n
Reflected by writing to T00REG
Reflected by writing to T00REG
Reflected by
an interrupt
Reflected at the same time
as data is written into T00REG
while the timer is stopped
Counter clear
INTT00 interrupt request
234
m-1
m
01
n
01
22
0
3
T00REG
T001CR<T00RUN>
n
Timer stop
Match detection
Counter clear
n-1
T00MOD<DBE0>
When the double buffer is disabled (T00MOD<DBE0>=”0”)
Source clock
Counter
Timer start
1
0
m
Write to T00REG
Match detection
Write m
Write n
Counter clear
INTT00 interrupt request
234
m-1
m
01
m
01
23
T00REG
T001CR<T00RUN>
n
m
Double buffer
n
Match detection
Match detection
Counter clear
01
m-1
n
n-1
T00MOD<DBE0>
When the double buffer is enabled (T00MOD<DBE0>=”1”)
Source clock
Counter
n-4
n-5
n-2
n
Write to T00REG
Write n-2
INTT00 interrupt request
n-3
n-2
0
1
2
T00REG
Match detection
Counter clear
T00MOD<DBE0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com