Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 194Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 410 page
background image
Page 181
TMP89FS60
RA002
Figure 14-5 PWM0 Pulse Output
Set the initial state of the PWM0 pin at T00MOD<TFF0>. Setting T00MOD<TFF0> to "0" selects the
"L" level as the initial state of the PWM0 pin. Setting T00MOD<TFF0> to "1" selects the "H" level as the
initial state of the PWM0 pin. If the PWM0 pin is set as the function output pin in the port setting while the
timer is stopped, the value of T00MOD<TFF0> is output to the PWM0 pin. Table 14-6 shows the list of
output levels of the PWM0 pin.
And by setting "1" to T001CR<OUTAND> bit, a logical product (AND) pulse of TC00 and TC01’s out-
put can be output to PWM0 pin. By using this function, the remote-control waveform can be created eaily.
14.4.3.2 Operations
Setting T001CR<T00RUN> to "1" allows the up counter to increment based on the selected source
clock. When a match between the lower 7 bits of the up counter value and the value set to
T00PWM<PWMDUTY> is detected, the output of the PWM0 pin is reversed. When T00MOD<TFF0> is
"0", the PWM0 pin changes from the "L" to "H" level. When T00MOD<TFF0> is "1", the PWM0 pin
changes from the "H" to "L" level.
If T00PWM<PWMAD> is "1", an additional pulse that corresponds to 1 count of the source clock is
added at the 2
× n-th match detection (n=1, 2, 3...). In other words, the PWM0 pin output is reversed at the
timing of T00PWM<PWMDUTY>+1. When T00MOD<TFF0> is "0", the period of the "L" level
becomes longer than the value set to T00<PWMDUTY> by 1 source clock. When T00MOD<TFF0> is
"1", the period of the "H" level becomes longer than the value set to T00PWM<PWMDUTY> by 1 source
clock. This function allows two cycles of output pulses to be handled with a resolution nearly equivalent
to 8 bits.
No additional pulse is inserted when T00PWM<PWMAD> is "0".
Table 14-6 List of Output Levels of PWM0 Pin
TFF0
PWM0
pin output level
Before the start
of operation
(initial state)
T00PWM
<PWMDUTY>
matched
(after the addi-
tional pulse)
Overflow
Operation
stopped
(initial state)
0L
H
L
L
1H
L
H
H
T00PWM
Timer start
Additional
pulse
(Duty pulse
width)
128 counts
(cycle width)
128 counts
(cycle width)
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
PWM0 pin output
(TFF0=“1”)
T00PWM
(Duty pulse
width)
Additional
pulse
Additional
pulse
PWM0 pin output
(TFF0=“0”)
INTT00 interrupt
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com