Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 197 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 197 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 194Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 410 page
background image
Page 183
TMP89FS60
RA002
14.4.3.3 Double buffer
The double buffer can be used for T00PWM by setting T00MOD<DBE0>. The double buffer is dis-
abled by setting T00MOD<DBE0> to "0" or enabled by setting T00MOD<DBE0> to "1".
• When the double buffer is enabled
When a write instruction is executed on T00PWM during the timer operation, the set value is
first stored in the double buffer, and T00PWM is not updated immediately. T00PWM compares
the previous set value with the up counter value. When the 2
× n-th overflow occurs, an
INTT00 interrupt request is generated and the double buffer set value is stored in T00PWM.
Subsequently, the match detection is executed using a new set value.
When a read instruction is executed on T00PWM, the value in the double buffer (the last set
value) is read out, not the T00PWM value (the currently effective value).
When a write instruction is executed on T00PWM while the timer is stopped, the set value is
immediately stored in both the double buffer and T00PWM.
• When the double buffer is disabled
When a write instruction is executed on T00PWM during the timer operation, the set value is
immediately stored in T00PWM. Subsequently, the match detection is executed using a new set
value. If the value set to T00PWM is smaller than the up counter value, the PWM0 pin is not
reversed until the up counter overflows and a match detection is executed using a new set
value. If the value set to T00PWM is equal to the up counter value, the match detection is exe-
cuted immediately after data is written into T00PWM. Therefore, the timing of changing the
PWM0
pin may not be an integral multiple of the source clock (Figure 14-7). Similarly, if
T00PWM is set during the additional pulse output, the timing of changing the PWM0 pin may
not be an integral multiple of the source clock. If these are problems, enable the double buffer.
When a write instruction is executed on T00PWM while the timer is stopped, the set value is
immediately stored in T00PWM.
Figure 14-7 Operation When T00PWM and the Up Counter Have the Same Value
Source clock
Counter
n-4
n-5
n-2
n
Write to T00PWM
Write n-2
PWM0 pin output
n-3
n-2
n-1
n
T00PWM
<PWMDUTY>
Match detection
T00MOD<DBE0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com