Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 200 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 200 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 410 page
background image
Page 186
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.4.2 Operation
Setting T001CR<T00RUN> to "1" allows the up counter to increment based on the selected source
clock. When a match between the internal up counter value and the value set to T00PWM is detected, the
output of the PPG0 pin is reversed. When T00MOD<TFF0> is "0", the PPG0 pin changes from the "L" to
"H" level. When T00MOD<TFF0> is "1", the PPG0 pin changes from the "H" to "L" level.
Subsequently, the up counter continues counting up. When a match between the up counter value and
T00REG is detected, the output of the PPG0 pin is reversed again. When T00MOD<TFF0> is "0", the
PPG0
pin changes from the "H" to "L" level. When T00MOD<TFF0> is "1", the PPG0 pin changes from
the "L" to "H" level. At this time, an INTT00 interrupt request is generated.
When T001CR<T00RUN> is set to "0" during the operation, the up counter is stopped and cleared to
"0x00". The PPG0 pin returns to the level selected at T00MOD<TFF0>.
14.4.4.3 Double buffer
The double buffer can be used for T00PWM and T00REG by setting T00MOD<DBE0>. The double
buffer is disabled by setting T00MOD<DBE0> to "0" or enabled by setting T00MOD<DBE0> to "1".
• When the double buffer is enabled
When a write instruction is executed on T00PWM (T00REG) during the timer operation, the
set value is first stored in the double buffer, and T00PWM (T00REG) is not updated immedi-
ately. T00PWM (T00REG) compares the previous set value with the up counter value. When
an INTT00 interrupt request is generated, the double buffer set value is stored in T00PWM
(T00REG). Subsequently, the match detection is executed using a new set value.
When a read instruction is executed on T00PWM (T00REG), the value in the double buffer
(the last set value) is read out, not the T00PWM (T00REG) value (the currently effective
value).
When a write instruction is executed on T00PWM (T00REG) while the timer is stopped, the
set value is immediately stored in both the double buffer and T00PWM (T00REG).
• When the double buffer is disabled
When a write instruction is executed on T00PWM (T00REG) during the timer operation, the
set value is immediately stored in T00PWM (T00REG). Subsequently, the match detection is
executed using a new set value. If the value set to T00PWM (T00REG) is smaller than the up
counter value, the PPG0 pin is not reversed until the up counter overflows and a match detection
is executed using a new set value. If the value set to T00PWM (T00REG) is equal to the up
counter value, the match detection is executed immediately after data is written into T00PWM
(T00REG). Therefore, the timing of changing the PPG0 pin may not be an integral multiple of
the source clock (Figure 14-10). If these are problems, enable the double buffer.
When a write instruction is executed on T00PWM (T00REG) while the timer is stopped, the
set value is immediately stored in T00PWM (T00REG).
(Example)
Operate TC00 in the 8-bit PPG mode with the operation clock of fcgck/2 and output the 8
µs duty pulse in 32µs cycles (fcgck
= 8 MHz)
SET
(P7FC).0
; Sets P7FC0 to "1"
SET
(P7CR).0
; Sets P7CR0 to "1"
LD
(POFFCR0),0x10
; Sets TC001EN to "1"
DI
; Sets the interrupt master enable flag to "disable"
SET
(EIRH).4
; Sets the INTTC00 interrupt enable register to "1"
EI
; Sets the interrupt master enable flag to "enable"
LD
(T00MOD),0xF3
; Selects the 8-bit PPG mode and fcgck/2
LD
(T00REG),0x80
; Sets the timer register (cycle)
; 32
µs / (2/fcgck) = 0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com