Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 410 page
background image
Page 189
TMP89FS60
RA002
If the value set to T01+00REG is smaller than the up counter value, the match detection is
executed using a new set value after the up counter overflows. Therefore, the interrupt request
interval may be longer than the selected time. If the value set to T01+00REG is equal to the up
counter value, the match detection is executed immediately after data is written into
T01+00REG. Therefore, the interrupt request interval may not be an integral multiple of the
source clock. If these are problems, enable the double buffer.
When write instructions are executed on T00REG and T01REG in this order while the timer
is stopped, the set value is immediately stored in T01+00REG.
When a read instruction is executed on T01+00REG, the last value written into T01+00REG is read out,
regardless of the T00MOD<DBE1> setting.
(Example)
Operate TC00 and TC01 in the 16-bit timer mode with the operation clock of fcgck/2 [Hz] and generate interrupts at 96
µs
intervals (fcgck = 8 MHz)
LD
(POFFCR0),0x10
; Sets TC001EN to "1"
DI
; Sets the interrupt master enable flag to "disable"
SET
(EIRH).4
; Sets the INTTC00 interrupt enable register to "1"
EI
; Sets the interrupt master enable flag to "enable"
LD
(T01MOD),0xF0
; Selects the 16-bit timer mode and fcgck/2
LD
(T00REG),0x80
; Sets the timer register (96
µs / (2/fcgck) = 0x180)
LD
(T01REG),0x01
; Sets the timer register
LD
(T001CR),0x06
; Starts TC00 and TC001 (16-bit mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com