Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 207 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 207 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 410 page
background image
Page 193
TMP89FS60
RA002
Figure 14-12 16-bit Event Counter Mode Timing Chart
TC00 pin input
Counter
Timer start
When the double buffer is disabled (T01MOD<DBE1>=”0”)
1
0
km
Write to T00REG
Match detection
Write m
Write s
Reflected by writing to T01REG
Reflected by writing to T01REG
Counter
clear
Write to T01REG
Write k
Write r
INTT00 interrupt
request
23
4
km-1
km
01
rs
01
22
0
3
T01+00REG
T001CR<T01RUN>
rs
Timer stop
Match detection
Counter
clear
Counter
clear
rs-1
TC00 pin input
Counter
Timer start
When the double buffer is enabled (T01MOD<DBE1>=”1”)
1
0
km
Write to T00REG
Match detection
Write m
Write s
Reflected by writing to T01REG
Reflected by writing to T01REG
Counter
clear
Write to T01REG
Write k
Write r
INTT00 interrupt
request
23
4
km-1
km
01
km
01
21
3
T01+00REG
T001CR<T01RUN>
rs
km
Double buffer
rs
Match detection
Counter
clear
Counter
clear
km-1
rs
0
rs-1
Match detection
Reflected by
an interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com