Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 211 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 211 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 213Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 214Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 215Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 410 page
background image
Page 197
TMP89FS60
RA002
rupt request is generated (an INTT00 interrupt request is generated each time an overflow occurs.) An
INTT01 interrupt request is generated at the 16
× n-th overflow (n=1, 2, 3...). Subsequently, the up counter
continues counting up.
When T001CR<T01RUN> is set to "0" during the timer operation, the up counter is stopped and
cleared to "0x00". The PWM1 pin returns to the level selected at T01MOD<TFF1>.
When an external source clock is selected, input the clock at the TC00 pin. The maximum frequency to
be supplied is fcgck/2 [Hz] (in NORMAL1/2 or IDLE1/2 mode) or fs/24 [Hz] (in SLOW1/2 or SLEEP1
mode), and a pulse width of two machine cycles or more is required at both the "H" and "L" levels.
Figure 14-14 PWM1 Pin Output
14.4.7.3 Double buffer
The double buffer can be used for T01+00PWM by setting T01MOD<DBE1>. The double buffer is dis-
abled by setting T01MOD<DBE1> to "0" or enabled by setting T01MOD<DBE1> to "1".
• When the double buffer is enabled
When write instructions are executed on T00PWM and T01PWM in this order during the
timer operation, the set value is first stored in the double buffer, and T01+00PWM is not
updated immediately. T01+00PWM compares the previous set value with the up counter value.
When the 16
× n-th overflow occurs, an INTT01 interrupt request is generated and the double
buffer set value is stored in T01+00PWM. Subsequently, the match detection is executed using
a new set value.
When a read instruction is executed on T01+00PWM (T00REG), the value in the double
buffer (the last set value) is read out, not the T01+00PWM value (the currently effective value).
When write instructions are executed on T00PWM and T01PWM in this order while the
timer is stopped, the set value is immediately stored in both the double buffer and
T01+00PWM.
• When the double buffer is disabled
When write instructions are executed on T00PWM and T01PWM in this order during the
timer operation, the set value is immediately stored in T01+00PWM. Subsequently, the match
detection is executed using a new set value. If the value set to T01+00PWM is smaller than the
up counter value, the PWM1 pin is not reversed until the up counter overflows and a match
detection is executed using a new set value. If the value set to T01+00PWM is equal to the up
counter value, the match detection is executed immediately after data is written into
T01+00PWM. Therefore, the timing of changing the PWM1 pin may not be an integral multiple
of the source clock. Similarly, if T01+00PWM is set during the additional pulse output, the tim-
ing of changing the PWM1 pin may not be an integral multiple of the source clock. If these are
problems, enable the double buffer.
PWMDUTY
Timer start
Additional
pulse
(1 source clock)
(Duty pulse
width)
256 counts
(cycle width)
256 counts
(cycle width)
PWM1 pin output
(TFF0=“1”)
PWMDUTY
(Duty pulse
width)
PWM1 pin output
(TFF0=“0”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com