Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 214 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 214 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 213Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 214Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 215Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 216Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 217Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 218Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 410 page
background image
Page 200
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.8 16-bit programmable pulse generate (PPG) output mode
In the 16-bit PPG mode, TC00 and TC01 are cascaded to output the pulses that have a resolution of 16 bits
and arbitrary pulse width and duty. Two 16-bit registers, T01+00REG and T01+00PWM, are used to output the
pulses. This enables output of longer pulses than an 8-bit timer.
14.4.8.1 Setting
Setting T001CR<TCAS> to "1" connects TC00 and TC01 and activates the 16-bit mode. All the set-
tings of TC00 are ignored and those of TC01 are effective in the 16-bit mode.
The 16-bit PPG mode is selected by setting T01MOD<TCM1> to "11". To use the internal clock as the
source clock, set T01MOD<EIN1> to "0" and select the clock at T01MOD<TCK1>. To use an external
clock as the source clock, set T01MOD<EIN0> to "1".
Set T01MOD<DBE1> to "1" to use the double buffer.
Set the count value that corresponds to a cycle as a 16-bit value at the timer registers T01REG and
T00REG. Set the count value that corresponds to a duty pulse as a 16-bit value at T01PWM and T00PWM
(hereinafter, the 16-bit value specified by the combined setting of T01REG and T00REG is indicated as
T01+00REG, and the 16-bit value specified by the combined setting of T01PWM and T00PWM is indi-
cated as T01+00PWM). The timer register settings are reflected on the double buffer or T01+00PWM and
T01+00REG when a write instruction is executed on T01PWM. Be sure to execute the write instructions
on T00REG, T01REG and T00PWM before executing a write instruction on T01PWM. (When data is
written to T01PWM, the set values of the four timer registers become effective at the same time.)
Set the initial state of the PPG1 pin at T01MOD<TFF1>. Setting T01MOD<TFF1> to "0" selects the
"L" level as the initial state of the PPG1 pin. Setting T01MOD<TFF1> to "1" selects the "H" level as the
initial state of the PPG1 pin. If the PPG1 pin is set as the function output pin in the port setting while the
timer is stopped, the value of T01MOD<TFF1> is output to the PPG1 pin. Table 14-13 shows the list of
output levels of the PPG1 pin.
14.4.8.2 Operations
Setting T001CR<T01RUN> to "1" allows the up counter to increment based on the selected source
clock. When a match between the up counter value and the value set to T01+00PWM is detected, the out-
put of the PPG1 pin is reversed. When T01MOD<TFF1> is "0", the PPG1 pin changes from the "L" to "H"
level. When T01MOD<TFF1> is "1", the PPG1 pin changes from the "H" to "L" level. At this time, an
INTT00 interrupt request is generated.
The up counter continues counting up. When a match between the up counter value and the value set to
T01+00REG is detected, the output of the PPG1 pin is reversed again. When T01MOD<TFF1> is "0", the
PPG1
pin changes from the "H" to "L" level. When T01MOD<TFF1> is "1", the PPG1 pin changes from
the "L" to "H" level. At this time, an INTT01 interrupt request is generated and the up counter is cleared to
"0x0000".
When T001CR<T01RUN> is set to "0" during the timer operation, the up counter is stopped and
cleared to "0x0000". The PPG1 pin returns to the level selected at T01MOD<TFF1>.
Table 14-13 List of Output Levels of PPG1 Pin
TFF1
PPG1
pin output level
Before the start
of operation
(initial state)
T01+00PWM
matched
T01+00REG
matched
Operation
stopped
(initial state)
0L
H
L
L
1H
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com