Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 210 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 210 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 213Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 214Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 410 page
background image
Page 196
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
Figure 14-13 Examples of Inserting Additional Pulses
14.4.7.2 Operations
Setting T001CR<T01RUN> to "1" allows the up counter to increment based on the selected source
clock. When a match between the lower 8 bits of the up counter value and the value set to PWMDUTY is
detected, the output of the PWM1 pin is reversed. When T01MOD<TFF1> is "0", the PWM1 pin changes
from the "L" to "H" level. When T01MOD<TFF1> is "1", the PWM1 pin changes from the "H" to "L"
level.
If any of PWMAD3 to 0 is "1", an additional pulse that corresponds to 1 count of the source clock is
inserted in specific cycles of the duty pulse. In other words, the PWM1 pin output is reversed at the timing
of PWMDUTY+1. When T00MOD<TFF0> is "0", the period of the "L" level becomes longer than the
value set to PWMDUTY by 1 source clock. When T00MOD<TFF0> is "1", the period of the "H" level
becomes longer than the value set to PWMDUTY by 1 source clock. This function allows 16 cycles of
output pulses to be handled with a resolution nearly equivalent to 12 bits.
No additional pulse is inserted when PWMAD3 to 0 are all "0".
Subsequently, the up counter continues counting up. When the up counter value reaches 256, an over-
flow occurs and the up counter is cleared to "0x00". At the same time, the output of the PWM1 pin is
reversed. When T01MOD<TFF1> is "0", the PWM1 pin changes from the "H" to "L" level. When
T01MOD<TFF1> is "1", the PWM1 pin changes from the "L" to "H" level. At this time, an INTT00 inter-
Timer start
Additional
pulse
123456789
10
11
12
13
14
15
16
17
PWM1 pin output
(TFF1=“1”)
Timer stop
Timer stop
PWM1 pin output
(TFF1=“0”)
INTT00 interrupt
request
INTT01 interrupt
request
Cycle
When PWMAD1=“1”
Additional
pulse
Timer start
123456789
10
11
12
13
14
15
16
17
PWM1 pin output
(TFF1=“1”)
PWM1 pin output
(TFF1=“0”)
INTT00 interrupt
request
INTT01 interrupt
request
Cycle
When PWMAD0 = “1” and PWMAD2 = “1”
Additional
pulse
Additional
pulse
Additional
pulse
Additional
pulse
Additional
pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com