Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 209 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 209 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 213Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 410 page
background image
Page 195
TMP89FS60
RA002
Set the initial state of the PWM1 pin at T01MOD<TFF1>. Setting T01MOD<TFF1> to "0" selects the
"L" level as the initial state of the PWM1 pin. Setting T01MOD<TFF1> to "1" selects the "H" level as the
initial state of the PWM1 pin. If the PWM1 pin is set as the function output pin in the port setting while the
timer is stopped, the value of T01MOD<TFF1> is output to the PWM1 pin. Table 14-11 shows the list of
output levels of the PWM1 pin.
Table 14-10 Cycles in Which Additional Pulses Are Inserted
Cycles in which additional pulses are inserted among
cycles 1 to 16
PWMAD0="1"
9
PWMAD1="1"
5, 13
PWMAD2="1"
3, 7, 11, 15
PWMAD3="1"
2, 4, 6, 8, 10, 12, 14, 16
Table 14-11 List of Output Levels of PWM1 Pin
TFF1
PWM1
pin output level
Before the start
of operation
(initial state)
PWMDUTY
matched
(after the addi-
tional pulse)
Overflow
Operation
stopped
(initial state)
0L
H
L
L
1H
L
H
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com