Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 206 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 206 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 410 page
background image
Page 192
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.6 16-bit event counter mode
In the 16-bit event counter mode, the up counter counts up at the falling edge of the input to the TC00 pin.
TC00 and TC01 are cascaded to form a 16-bit timer counter, which can measure a longer period than an 8-bit
timer.
14.4.6.1 Setting
Setting T001CR<TCAS> to "1" connects TC00 and TC01 and activates the 16-bit timer mode. All the
settings of TC00 are ignored and those of TC01 are effective in the 16-bit timer mode.
The 16-bit timer mode is activated by setting T01MOD<TCM1> to "00" or "01" and T01MOD<EIN0>
to "1".
Set the count value to be used for the match detection as a 16-bit value at the timer registers T00REG
and T01REG. Set the lower 8 bits of the 16-bit value at T00REG and set the higher 8 bits at T01REG.
(Hereinafter, the 16-bit value specified by the combined setting of T01REG and T00REG is indicated as
T01+00REG.) The timer register settings are reflected on the double buffer or T01+00REG when a write
instruction is executed on T01REG. Be sure to execute the write instructions on T00REG and T01REG in
this order. (When data is written to the high-order register, the set values of the low-order and high-order
registers become effective at the same time.)
Set T01MOD<DBE1> to "1" to use the double buffer.
Setting T001CR<T01RUN> to "1" starts the operation. After the timer is started, writing to T01MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer. (Make settings
when T001CR<T00RUN> and <T01RUN> are "0".)
14.4.6.2 Operations
Setting T001CR<T01RUN> to "1" allows the 16-bit up counter to increment at the falling edge of the
TC00 pin. When a match between the up counter value and the T00+01REG set value is detected, an
INTT01 interrupt request is generated and the up counter is cleared to "0x0000". After being cleared, the
up counter restarts counting. Setting T001CR<T01RUN> to "0" during the timer operation makes the up
counter stop counting and be cleared to "0x0000".
The maximum frequency to be supplied is fcgck/2 [Hz] (in NORMAL1/2 or IDLE1/2 mode) or fs/24
[Hz] (in SLOW1/2 or SLEEP1 mode), and a pulse width of two machine cycles or more is required at
both the "H" and "L" levels.
14.4.6.3 Double buffer
Refer to 14.4.5.3.
(Example)
Operate TC00 and TC01 in the 16-bit event counter mode and generate an interrupt each time the 384th falling edge is
detected at the TC00 pin
LD
(POFFCR0),0x10
; Sets TC001EN to "1"
DI
; Sets the interrupt master enable flag to "disable"
SET
(EIRH).4
; Sets the INTTC00 interrupt enable register to "1"
EI
; Sets the interrupt master enable flag to "enable"
LD
(T00MOD),0xC4
; Selects the 16-bit event counter mode
LD
(T00REG),0x80
; Sets the timer register
LD
(T01REG),0x10
; Sets the timer register
LD
(T001CR),0x06
; Starts TC00 and TC001 (16-bit mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com