Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 204 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 204 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 410 page
background image
Page 190
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
Figure 14-11 16-bit Timer Counter Timing Chart
Source clock
Counter
Timer start
1
0
Write to T00REG
Write m
Write r
Reflected by writing to T01REG
Reflected by writing to T01REG
Reflected by
an interrupt
Reflected simultaneously by
writing to T01REG while the timer
is stopped
Counter clear
INTT01 interrupt
request
234
km-1
km
01
sr
01
22
0
3
T001CR<T01RUN>
Timer stop
Counter clear
km
Write to T01REG
Match detection
Write k
Write s
Write to T01REG
Write k
Write s
T01+00REG
sr
sr-1
T01MOD<DBE1>
When the double buffer is disabled (T01MOD<DBE1>=”0”)
Source clock
Counter
Timer start
1
0
km
Write to T00REG
Match detection
Write m
Write r
Counter clear
INTT01 interrupt
request
234
km-1
km
01
km
01
23
T01+00REG
T001CR<T01RUN>
sr
km
Double buffer
sr
Match detection
Match detection
Counter clear
01
km-1
sr
sr-1
T01MOD<DBE1>
When the double buffer is enabled (T01MOD<DBE1>=”1”)
Reflected by writing to T01REG
Match detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com