Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 201 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 201 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 410 page
background image
Page 187
TMP89FS60
RA002
Figure 14-9 8-bit PPG Mode Timing Chart
Figure 14-10 Operation When T00PWM (T00REG) and the Up Counter Have the Same
Value
LD
(T00PWM),0x20
; Sets the timer register (duty pulse)
; 8
µs / (2/fcgck) = 0x20
SET
(T001CR).0
; Starts TC00
Source clock
Counter
Timer start
1
0
m
m
m
(Duty pulse)
p
(1 cycle)
s
(1 cycle)
s
(1 cycle)
w
(1 cycle)
rt
rs
Write to T00PWM
Double buffer
Match detection
Write m
Write r
Write t
Becomes the level selected at
TFF0 while the timer is stopped
Returns to the
level selected
at TFF0
INTT00 interrupt
request
1
m+1
m0
T00PWM
T001CR<T00RUN>
ps
w
Write to T00REG
Double buffer
Write p
Write s
Write w
p
Timer stop
Match detection
r+1
r
1
0
s
r+1
r
1
0
s
t+1
t
1
00
w
Match detection
Match detection
Counter
clear
Counter
clear
Counter
clear
Counter
clear
T00MOD<TFF0>
PPG0 pin output
When the double buffer is enabled (T00MOD<DBE0>=”1”)
r
(Duty pulse)
r
(Duty pulse)
t
(Duty pulse)
ps
w
T00REG
Match detection
Match detection
Match detection
Source clock
Counter
n-4
n-5
n-2
n
Write to T00PWM
(T00REG)
Write n-2
PPG0 pin output
n-3
n-2
n-1
n
T00PWM
(T00REG)
Match detection
T00MOD<DBE0>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com