Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 199 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 199 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 199Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 200Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 201Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 202Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 203Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 410 page
background image
Page 185
TMP89FS60
RA002
14.4.4 8-bit programmable pulse generate (PPG) output mode
In the 8-bit PPG mode, the pulses with arbitrary duty and cycle are output by using the T00REG and
T00PWM registers.
By setting the T001CR<OUTAND> register, a pulse that is a logical ANDed product of the TC00 and TC01
outputs can be output to the TC01 pin. This function facilitates the generation of remote-controlled waveforms,
for example.
The operation of TC00 is described below, and the same applies to the operation of TC01.
14.4.4.1 Setting
TC00 is put into the 8-bit PPG mode by setting T00MOD<TCM0> to "10" and T001CR<TCAS> to
"0". Set T00MOD<EIN0> to "0" and select the clock at T00MOD<TCK0>. Set the duty pulse width at
T00PWM and the cycle width at T00REG.
Set T00MOD<DBE0> to "1" to use the double buffer.
Setting T001CR<T00RUN> to "1" starts the operation. After the timer is started, writing to T00MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer.
Figure 14-8 PPG0 Pulse Output
Set the initial state of the PPG0 pin at T00MOD<TFF0>. Setting T00MOD<TFF0> to "0" selects the
"L" level as the initial state of the PPG0 pin. Setting T00MOD<TFF0> to "1" selects the "H" level as the
initial state of the PPG0 pin. If the PPG0 pin is set as the function output pin in the port setting while the
timer is stopped, the value of T00MOD<TFF0> is output to the PPG0 pin. Table 14-8 shows the list of out-
put levels of the PPG0 pin.
Setting the T001CR<OUTAND> bit to "1" allows the PPG0 pin to output a pulse that is a logical
ANDed product of the TC00 and TC01 outputs.
Table 14-8 List of Output Levels of PPG0 Pin
TFF0
PPG0
pin output level
Before the start
of operation
(initial state)
T00PWM
matched
T00REG
matched
Operation
stopped
(initial state)
0L
H
L
L
1H
L
H
H
T00PWM
Timer start
(Duty pulse)
(Duty pulse)
(1 cycle)
(1 cycle)
T00REG
PPG0 pin output
(TFF0=“0”)
PPG0 pin output
(TFF0=“1”)
Timer stop
T00PWM
T00REG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com