Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 208 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 208 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 204Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 205Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 206Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 207Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 208Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 410 page
background image
Page 194
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.7 12-bit pulse width modulation (PWM) output mode
In the 12-bit PWM output mode, TC00 and TC01 are cascaded to output the pulse-width modulated pulses
with a resolution of 8 bits. An additional pulse of 4 bits can be inserted, which enables PWM output with a res-
olution nearly equivalent to 12 bits.
14.4.7.1 Setting
Setting T001CR<TCAS> to "1" connects TC00 and TC01 and activates the 16-bit timer mode. All the
settings of TC00 are ignored and those of TC01 are effective in the 16-bit timer mode.
The 12-bit PWM mode is selected by setting T01MOD<TCM1> to "10". To use the internal clock as the
source clock, set T01MOD<EIN1> to "0" and select the clock at T01MOD<TCK1>. To use an external
clock as the source clock, set T01MOD<EIN1> to "1".
Set T01MOD<DBE1> to "1" to use the double buffer.
Setting T001CR<T01RUN> to "1" starts the operation. After the timer is started, writing to T01MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer. (Make settings
when T001CR<T00RUN> and <T01RUN> are "0".)
Set the count value to be used for the match detection and the additional pulse value as a 12-bit value at
the timer registers T00PWM and T01PWM. Set bits 11 to 8 of the 12-bit value at the lower 4 bits of
T01PWM and set bits 7 to 0 at T00PWM. Refer to the following table for the register configuration. Here-
inafter, the 12-bit value specified by the combined setting of T00PWM and T01PWM is indicated as
T01+00PWM. The timer register settings are reflected on the double buffer or T01+00PWM when a write
instruction is executed on T01PWM. Be sure to execute the write instructions on T00PWM and T01PWM
in this order. (When data is written to the high-order register, the set values of the low-order and high-
order registers become effective at the same time.)
Bits 7 to 4 of T01PWM are not used in the 12-bit PWM mode. However, data can be written to these
bits of T01PWM and the written values are read out as they are when the bits are read. Normally, set these
bits to "0".
PWMDUTYH and PWMDUTYL are 4-bit registers. They are combined to set an 8-bit value of duty
pulse width (time before the first change in the output) for one cycle (256 counts of the source clock).
Hereinafter, an 8-bit value specified by the combined setting of PWMDUTYH and PWMDUTYL is indi-
cated as PWMDUTY.
PWMAD3 to 0 are the additional pulse setting register. Additional pulses can be inserted in specific
cycles of the duty pulse by setting each bit to "1". The additional pulses are inserted in the positions listed
in Table 14-10. PWMAD 3 to 0 can be combined to specify the number of times of inserting the additional
pulses in 16 cycles to any number from 1 to 16. Examples of inserting additional pulses are shown in Fig-
ure 14-13.
Timer register 00
T00PWM
76543
210
(0x0028)
Bit Symbol
PWMDUTYL
PWMAD3
PWMAD2
PWMAD1
PWMAD0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
11111
111
Timer register 01
T01PWM
76543
210
(0x0029)
Bit Symbol
PWMDUTYH
Read/Write
R/W
R/W
R/W
R/W
After reset
11111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com