Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 213 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 213 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 209Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 210Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 211Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 212Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 213Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 214Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 215Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 216Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 217Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 410 page
background image
Page 199
TMP89FS60
RA002
Table 14-12 Resolutions and Cycles in the 12-bit PWM Mode
T01MOD
<TCK1>
Source clock [Hz]
Resolution
8-bit cycle
(period
× 16)
NORMAL1/2 or IDLE1/2 mode
SLOW1/2 or
SLEEP1 mode
fcgck=8MHz
fs=32.768KHz
fcgck=8MHz
fs=32.768KHz
SYSCR1<DV9CK>
= "0"
SYSCR1<DV9CK>
= "1"
000
fcgck/211
fs/24
fs/24
256
µs488.2µs
65.5ms
(1048.6ms)
125ms
(2000ms)
001
fcgck/210
fs/23
fs/23
128
µs244.1µs
32.8ms
(524.3ms)
62.5ms
(1000ms)
010
fcgck/28
fcgck/28
-32
µs-
8.2ms
(131.1ms)
-
011
fcgck/26
fcgck/26
-8
µs-
2.0ms
(32.8ms)
-
100
fcgck/24
fcgck/24
-2
µs-
512
µs
(8192
µs)
-
101
fcgck/22
fcgck/22
-
500ns
-
128
µs
(2048
µs)
-
110
fcgck/2
fcgck/2
-
250ns
-
64
µs
(1024
µs)
-
111
fcgck
fcgck
fs/22
125ns
122.1
µs
32
µs
(512
µs)
31.3ms
(500ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com