Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 194 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 194 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 194Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 195Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 196Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 197Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 198Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 410 page
background image
Page 180
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
14.4.3 8-bit pulse width modulation (PWM) output mode
The pulse-width modulated pulses with a resolution of 7 bits are output in the 8-bit PWM mode. An addi-
tional pulse can be added to the 2
× n-th duty pulse. This enables PWM output with a resolution nearly equiva-
lent to 8 bits. (n=1, 2, 3...)
The operation of TC00 is described below, and the same applies to the operation of TC01.
14.4.3.1 Setting
TC00 is put into the 8-bit PWM mode by setting T00MOD<TCM0> to "10" and T001CR<TCAS> to
"0". Set T00MOD<EIN0> to "0" and select the clock at T00MOD<TCK0>. Set the count value to be used
for the match detection and the additional pulse value at the PWM register T00PWM.
Set T00MOD<DBE0> to "1" to use the double buffer.
Setting T001CR<T00RUN> to "1" starts the operation. After the timer is started, writing to T00MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer.
In the 8-bit PWM mode, the T00PWM register is configured as follows:
PWMDUTY is a 7-bit register used to set the duty pulse width value (the time before the first output
change) in a cycle (128 counts of the source clock).
PWMAD is a register used to set the additional pulse. When PWMAD is "1", an additional pulse that
corresponds to 1 count of the source clock is added to the 2
× n-th duty pulse (n=1, 2, 3...). In other words,
the 2
× n-th duty pulse has the output of PWMDUTY+1.
The additional pulse is not added when PWMAD is "0".
Timer register 00
T00PWM
76543
210
(0x0028)
Bit Symbol
PWMDUTY
PWMAD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
11111
111
Timer register 01
T01PWM
76543
210
(0x0029)
Bit Symbol
PWMDUTY
PWMAD
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
11111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com