Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 187 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 187 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 183Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 410 page
background image
Page 173
TMP89FS60
RA002
14.2.4 Operation modes and usable source clocks
The operations modes of the 8-bit timers and the usable source clocks are listed below.
Note 1:
Ο: Usable, -: Unusable
Note 2: Set the source clock in the 16-bit modes on the TC01 side (TCK1).
Note 3: When the low-frequency clock, fs, is not oscillating, it must not be selected as the source clock. If fs is selected when it is
not oscillating, no source clock is supplied to the timer, and the timer remains stopped.
Note 4: i=0, 1 (i=0 only in the 16-bit modes)
Note 5: The operation modes of the 8-bit timers and the usable source clocks are listed below.
Note 1:
Ο: Usable, -: Unusable
Note 2: Set the source clock in the 16-bit modes on the TC01 side (TCK1).
Note 3: i=0, 1 (i=0 only in the 16-bit modes)
Table 14-3 Operation Modes and Usable Source Clocks (NORMAL1/2 and IDLE1/2 modes)
TCK0
000
001
010
011
100
101
110
111
TC0i
pin input
Operation mode
fcgck/211
or
fs/24
fcgck/210
or
fs/23
fcgck/28
fcgck/26
fcgck/24
fcgck/22
fcgck/2
fcgck
8-bit timer
ΟΟΟ
ΟΟΟΟ
Ο
-
8-bit event counter
-
-
-
-
-
-
-
-
Ο
8-bit PWM
ΟΟΟ
ΟΟΟΟ
Ο
-
8-bit PPG
ΟΟΟ
ΟΟΟΟ
Ο
-
16-bit timer
ΟΟΟ
ΟΟΟΟ
Ο
-
16-bit event
counter
--
---
---
Ο
12-bit PWM
ΟΟΟ
ΟΟΟΟ
ΟΟ
16-bit PPG
ΟΟΟ
ΟΟΟΟ
ΟΟ
Table 14-4 Operation Modes and Usable Source Clocks (SLOW1/2 and SLEEP1 modes)
TCK0
000
001
010
011
100
101
110
111
TC0i
pin input
Operation mode
fs/24
fs/23
---
--
fs/22
8-bit timer
ΟΟ
---
--
Ο
-
8-bit event counter
-
-
-
-
-
-
-
-
Ο
8-bit PWM
ΟΟ
---
--
Ο
-
8-bit PPG
ΟΟ
---
--
Ο
-
16-bit timer
ΟΟ
---
--
Ο
-
16-bit event
counter
--
---
---
Ο
12-bit PWM
ΟΟ
---
--
ΟΟ
16-bit PPG
ΟΟ
---
--
ΟΟ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com