Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 186 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 186 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 182Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 183Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 184Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 410 page
background image
Page 172
14. 8-bit Timer Counter (TC0)
TMP89FS60
RA002
Note 1: When STOP mode is started, T00RUN and T01RUN are cleared to "0" and the timers stop. Set T001CR again to use tim-
ers 00 and 01 after STOP mode is released.
Note 2: When a read instruction is executed on T001CR, bits 7 to 4 are read as "0".
Note 3: When OUTAND is "1", output is obtained from the PWM1 and PPG1 pins only. There is no timer output to the PWM0 and
PPG0
pins. If the PWM0 and PPG0 pins are set as the function output pins in the port setting, the pins always output "H".
Note 4: OUTAND and TCAS can be changed only when both TC01RUN and TC00RUN are "0". When either TC01RUN or
TC00RUN is "1" or both are "1", the register values remain unchanged by executing write instructions on OUTAND and
TCAS. OUTAND and TCAS can be changed at the same time as TC01RUN and TC00RUN are changed from "0" to "1".
Timer counter 01 control register
T001CR
76543
210
(0x002C)
Bit Symbol
----
OUTAND
TCAS
T01RUN
T00RUN
Read/Write
RRRR
R/W
R/W
R/W
R/W
After reset
00000
000
OUTAND
Timers 00 and 01 output control
0
1
Output the timer 00 output from the PWM0 and PPG0 pins and the timer
01 output from the PWM1 and PPG1 pins.
Output a pulse that is a logical ANDed product of the outputs of timers
00 and 01 from the PWM1 and PPG1 pins.
TCAS
Timers 00 and 01 cascade control
0
1
Use timers 00 and 01 independently (8-bit mode).
Cascade timers 00 and 01 (16-bit mode).
T01RUN
Timer 01 control
Timers 00/01 control
(16-bit mode)
0
1
Stop and clear the counter
Start
T00RUN
Timer 00 control
0
1
Stop and clear the counter
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com