Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 189 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 189 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 185Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 186Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 187Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 188Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 189Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 190Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 191Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 192Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 193Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 410 page
background image
Page 175
TMP89FS60
RA002
14.4 Functions
Timer counters TC00 and TC01 have 8-bit modes in which they are used independently and 16-bit modes in which
they are cascaded.
The 8-bit modes include four operation modes; the 8-bit timer mode, the 8-bit event counter mode, the 8-bit pulse
width modulation output (PWM) mode and the 8-bit programmable pulse generated output (PPG) mode.
The 16-bit modes include four operation modes; the 16-bit timer mode, the 16-bit event counter mode, the 12-bit
PWM mode and the 16-bit PPG mode.
14.4.1 8-bit timer mode
In the 8-bit timer mode, the up-counter counts up using the internal clock, and interrupts can be generated
regularly at specified times. The operation of TC00 is described below, and the same applies to the operation of
TC01. (Replace TC00- by TC01-).
14.4.1.1 Setting
TC00 is put into the 8-bit timer mode by setting T00MOD<TCM0> to "00" or "01", T001CR<TCAS>
to "0" and T00MOD<EIN0> to "0". Select the source clock at T00MOD<TCK0>. Set the count value to
be used for the match detection as an 8-bit value at the timer register T00REG.
Set T00MOD<DBE0> to "1" to use the double buffer.
Setting T001CR<T00RUN> to "1" starts the operation. After the timer is started, writing to T00MOD
becomes invalid. Be sure to complete the required mode settings before starting the timer.
14.4.1.2 Operation
Setting T001CR<T00RUN> to "1" allows the 8-bit up counter to increment based on the selected inter-
nal source clock. When a match between the up counter value and the T00REG set value is detected, an
INTT00 interrupt request is generated and the up counter is cleared to "0x00". After being cleared, the up
counter restarts counting. Setting T001CR<T00RUN> to "0" during the timer operation makes the up
counter stop counting and be cleared to "0x00".
14.4.1.3 Double buffer
The double buffer can be used for T00REG by setting T00MOD<DBE0>. The double buffer is disabled
by setting T00MOD<DBE0> to "0" or enabled by setting T00MOD<DBE0> to "1".
• When the double buffer is enabled
When a write instruction is executed on T00REG during the timer operation, the set value is
initially stored in the double buffer, and T00REG is not immediately updated. T00REG com-
pares the previous set value with the up counter value. When the values match, an INTT00
interrupt request is generated and the double buffer set value is stored in T00REG. Subse-
quently, the match detection is executed using a new set value.
When a write instruction is executed on T00REG while the timer is stopped, the set value is
immediately stored in both the double buffer and T00REG.
• When the double buffer is disabled
When a write instruction is executed on T00REG during the timer operation, the set value is
immediately stored in T00REG. Subsequently, the match detection is executed using a new set
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com