Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 244 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 244 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 242Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 243Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 244Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 245Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 246Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 247Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 248Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 410 page
background image
Page 230
16. Asynchronous Serial Interface (UART)
16.12 Status Flag
TMP89FS60
RA001
16.12.4Receive Data Buffer Full
Loading the received data in RD0BUF sets UART0SR<RBFL> to "1".
If UART0SR<RBFL> is "1" when UART0SR is read, UART0SR<RBFL> will be cleared to "0" when
RD0BUF is read subsequently.
If UART0SR<RBFL> is set to "1" after UART0SR is read, UART0SR<RBFL> will not be cleared to "0"
when RD0BUF is read subsequently. In this case, UART0SR<RBFL> will be cleared to "0" when UART0SR
is read again and RD0BUF is read.
Figure 16-15 Occurrence of Receive Data Buffer Full
RXD0 pin input
Data A
Data A
Reading of data A
Data B
Reading of data B
Data B
RBFL is cleared to “0” when
RD0BUF is read after
reading RBFL=“1”.
INTRXD0 interrupt request
UART0SR<RBFL>
Start Bit1
Bit0
Bit7
Stop Start Bit0
Bit1
Bit7
Stop
Reading of UART0SR
Reading of RD0BUF
RD0BUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com