Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 240 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 240 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 236Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 239Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 242Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 243Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 244Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 410 page
background image
Page 226
16. Asynchronous Serial Interface (UART)
16.12 Status Flag
TMP89FS60
RA001
16.12.2Framing Error
If the internal and external baud rates differ or "0" is sampled as the stop bit of received data due to the influ-
ence of noise on the RXD0 pin, the framing error flag UART0SR<FERR> is set to "1". At this time, an
INTRXD0 interrupt request is generated.
If UART0SR<FERR> is "1" when UART0SR is read, UART0SR<FERR> will be cleared to "0" when
RD0BUF is read subsequently.
If UART0SR<FERR> is set to "1" after UART0SR is read, UART0SR<FERR> will not be cleared to "0"
when RD0BUF is read subsequently. In this case, UART0SR<FERR> will be cleared to "0" when UART0SR
is read again and RD0BUF is read.
Figure 16-11 Occurrence of Framing Error
RXD0 pin input
A falling edge is
detected
FERR is generated if “0” is received
in the sampling of the stop bit.
FERR is cleared to “0”
when RD0BUF
is read after reading FERR=“1”.
FERR is cleared to “0”
when RD0BUF
is read after reading FERR=“1”.
Sampling
INTRXD0 interrupt request
UART0SR<FERR>
When the external baud rate is slower than the internally set baud rate
When the external baud rate is faster than the internally set baud rate
Start Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Stop
Start Bit0 Bit1 Bit2 Bit3 Bit4 Bit5 Bit6 Bit7 Stop
Reading of UART0SR
Reading of RD0BUF
RXD0 pin input
A falling edge is
detected
A falling edge is
detected
FERR is generated if “0” is received
in the sampling of the stop bit.
Sampling
INTRXD0 interrupt request
UART0SR<FERR>
Start Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Stop Start Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Stop
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Stop
Start
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Reading of UART0SR
Reading of RD0BUF
RD0BUF
Indeterminate
Data reading
RD0BUF
Indeterminate
Data reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com