Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 239 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 239 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 235Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 236Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 239Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 242Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 243Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 410 page
background image
Page 225
TMP89FS60
RA001
16.12Status Flag
16.12.1Parity error
When the parity determined using the receive data bits differs from the received parity bit, the parity error
flag UART0SR<PERR> is set to "1". At this time, an INTRXD0 interrupt request is generated.
If UART0SR<PERR> is "1" when UART0SR is read, UART0SR<PERR> will be cleared to "0" when
RD0BUF is read subsequently. (The RD0BUF read value becomes undefined.)
If UART0SR<PERR> is set to "1" after UART0SR is read, UART0SR<PERR> will not be cleared to "0"
when RD0BUF is read subsequently. In this case, UART0SR<PERR> will be cleared to "0" when UART0SR
is read again and RD0BUF is read.
Figure 16-10 Occurrence of Parity Error
RXD0 pin input
Indeterminate
Data reading
PERR is cleared to “0”
when RD0BUF
is read after reading PERR=“1”.
INTRXD0 interrupt request
UART0SR<PERR>
Start Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7 Parity Stop
Reading of UART0SR
Reading of RD0BUF
RD0BUF
RXD0 pin input
Indeterminate
Not cleared
Data reading
PERR is cleared to “0”
when RD0BUF
is read after reading PERR=“1”.
INTRXD0 interrupt request
UART0SR<PERR>
Start Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7 Parity Stop
Reading of UART0SR
Reading of RD0BUF
RD0BUF
Data reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com