Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 237 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 237 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 233Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 234Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 235Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 236Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 239Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 410 page
background image
Page 223
TMP89FS60
RA001
16.10Received Data Noise Rejection
When noise rejection is enabled at UART0CR2<RXDNC>, the time of pulses to be regarded as signals is as
shown in Table 16-8.
Note 1: The transfer base clock frequency is the clock frequency selected at UARTCR1<BRG>.
Figure 16-9 Received Data Noise Rejection
Table 16-8 Received Data Noise Rejection Time
RXDNC
Noise rejection time [s]
Time of pulses to be regarded as signals
00
No noise rejection
-
01
(UART0DR+1)/(Transfer base clock frequency)
2
× (UART0DR+1)/(Transfer base clock frequency)
10
2
× (UART0DR+1)/(Transfer base clock frequency)
4
× (UART0DR+1)/(Transfer base clock frequency)
11
4
× (UART0DR+1)/(Transfer base clock frequency)
8
× (UART0DR+1)/(Transfer base clock frequency)
Receiving continues
because the start bit is 0
The received data is taken into
the shift register
15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0 15 14 13 12 11 10 9
8
7
6
5
4
3
Bit 0
Start bit
Start bit
Bit 0
RT clock
Internal received
data
Shift register
Bit 0
RXD0 pin
Noise
Noise is removed
A falling edge
is detected
When the noise rejection
circuit is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com