Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 238 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 238 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 234Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 235Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 236Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 239Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 242Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 410 page
background image
Page 224
16. Asynchronous Serial Interface (UART)
16.11 Transmit/Receive Operation
TMP89FS60
RA001
16.11Transmit/Receive Operation
16.11.1Data transmit operation
Set UART0CR1<TXE> to "1". Check UART0SR<TBFL> = "0", and then write data into TD0BUF (transmit
data buffer). Writing data into TD0BUF sets UART0SR<TBFL> to "1", transfers the data to the transmit shift
register, and outputs the data sequentially from the TXD0 pin. The data output includes a start bit, stop bits
whose number is specified in UART0CR1<STBT> and a parity bit if parity addition is specified. Select the
data transfer baud rate using UART0CR1<BRG>, UART0CR2<RTSEL> and UART0DR. When data trans-
mission starts, the transmit buffer full flag UART0SR<TBFL> is cleared to "0" and an INTTXD0 interrupt
request is generated.
Note 1: After data is written into TD0BUF, if new data is written into TD0BUF before the previous data is transferred
to the shift register, the new data is written over the previous data and is transferred to the shift register.
Note 2: Under the conditions shown in Table 16-9, the TXD0 pin output is fixed at the L or H level according to the
setting of UART0CR1<IRDASEL>.
16.11.2Data receive operation
Set UART0CR1<RXE> to "1". When data is received via the RXD0 pin, the received data is transferred to
RD0BUF (receive data buffer). At this time, the transmitted data includes a start bit, stop bit(s) and a parity bit
if parity addition is specified. When the stop bit(s) are received, data only is extracted and transferred to
RD0BUF (receive data buffer). Then the receive buffer full flag UART0SR<RBFL> is set and an INTRXD0
interrupt request is generated. Set the data transfer baud rate using UART0CR1<BRG>, UART0CR2<RTSEL>
and UART0DR.
If an overrun error occurs when data is received, the data is not transferred to RD0BUF (receive data buffer)
but discarded; data in the RD0BUF is not affected.
Table 16-9 TXD0 Pin Output
Condition
TXD0 pin output
IRDASEL="0"
IRDASEL="1"
When UART0CR1<TXE> is "0"
H level
L level
From when "1" is written to
UART0CR1<TXE> to when the trans-
mitted data is written to TD0BUF
When the STOP, IDLE0 or SLEEP0
mode is active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com