Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 241 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 241 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 239Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 240Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 241Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 242Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 243Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 244Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 245Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 410 page
background image
Page 227
TMP89FS60
RA001
16.12.3Overrun error
If receiving of all data bits is completed before the previous received data is read from RD0BUF, the overrun
error flag UART0SR<OERR> is set to "1" and an INTRXD0 interrupt request is generated. The data received
at the occurrence of the overrun error is discarded and the previous received data is maintained. Subsequently,
if data is received while UART0SR<OERR> is still "1", no INTRXD0 interrupt request is generated, and the
received data is discarded. (Figure 16-12)
Note that parity or framing errors in the discarded received data cannot be detected. (These error flags are not
set.) That is to say, if these errors are detected together with an overrun error during the reading of UART0SR,
they have occurred in the previous received data (the data stored in RD0BUF). (Figure 16-13)
If UART0SR<OERR> is "1" when UART0SR is read, UART0SR<OERR> will be cleared to "0" when
RD0BUF is read subsequently. (Figure 16-14)
If UART0SR<OERR> is set to "1" after UART0SR is read, UART0SR<OERR> will not be cleared to "0"
when RD0BUF is read subsequently. In this case, UART0SR<OERR> will be cleared to "0" when UART0SR
is read again and RD0BUF is read. (Figure 16-14)
Figure 16-12 Generation of INTRXD0 Interrupt Request
RXD0 pin input
Data A
Data A
An interrupt request
is generated.
The flag is set.
An interrupt request
is generated.
No interrupt
request is
generated.
Data B
INTRXD0 interrupt request
UART0SR<OERR>
UART0SR<RBFL>
Start Bit0
Bit1
Bit7
Stop Start Bit0
Bit1
Bit7
Stop
RD0BUF
Start Bit0
Bit1
Bit7
Stop
Data C
The contents of data B are discarded
and those of data A are maintained.
The contents of data C are discarded
and those of data A are maintained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com