Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 234 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 234 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 232Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 233Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 234Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 235Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 236Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 237Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 238Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 410 page
background image
Page 220
16. Asynchronous Serial Interface (UART)
16.8 Transfer Baud Rate
TMP89FS60
RA001
Figure 16-6 Example of UART0DR Calculation
000
4000000 [Hz]
4000000 [Hz]
4000000 [Hz]
4000000 [Hz]
4000000 [Hz]
1
6
35714 [baud] (
6.99%)
40404 [baud] (
5.22%)
38095 [baud] (
0.79%)
36866 [baud] (
3.99%)
39216 [baud] (
2.12%)
1
6
1
6
1
5
1
5
UARTDR =
16
38400 [baud]
UARTDR calculation
Generated baud rate
RTSEL
4000000 [Hz]
16
(6 + 1)
4000000 [Hz]
16.5
(5 + 1)
4000000 [Hz]
15
(6 + 1)
4000000 [Hz]
15.5
(6 + 1)
4000000 [Hz]
17
(5 + 1)
001
UARTDR =
16.5
38400 [baud]
010
UARTDR =
15
38400 [baud]
011
UARTDR =
15.5
38400 [baud]
100
UARTDR =
17
38400 [baud]
≈
≈
≈
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com