Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 231 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 231 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 232Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 233Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 234Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 235Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 410 page
background image
Page 217
TMP89FS60
RA001
16.8 Transfer Baud Rate
The transfer baud rate of UART is set by UART0CR1<BRG>, UART0DR and UART0CR2<RTSEL>. Table 16-6
and Table 16-7 show the settings of UART0DR and UART0CR2<RTSEL> for general baud rates and operating fre-
quencies.
For independent calculation of transfer baud rates, refer to "16.8.1 Transfer baud rate calculation method".
Table 16-6 Set Values of UART0DR and UART0CR2<RTSEL> for Transfer Baud Rates (fcgck=8 to 1 MHz,
UART0CR2<RXDNC>=0y00)
Basic
baud rate
[baud]
Register
Operating frequency
8MHz
7.3728
MHz
6.144
MHz
6MHz
5MHz
4.9152
MHz
4.19MHz
4MHz
2MHz
1MHz
128000
UART0DR
0x03
-
0x02
0x02
-
-
0x01
0x01
0x00
-
RTSEL
0y011
-
0y000
0y011
-
-
0y001
0y011
0y011
-
Error
(+0.81%)
-
(0%)
(+0.81%)
-
-
(-0.80%)
(+0.81%)
(+0.81%)
-
115200
UART0DR
0x03
0x03
-
0x02
-
-
-
0x01
0x00
-
RTSEL
0y100
0y000
-
0y100
-
-
-
0y100
0y100
-
Error
(+2.12%)
(0%)
-
(+2.12%)
-
-
-
(+2.12%)
(+2.12%)
-
76800
UART0DR
0x06
0x05
0x04
0x04
0x03
0x03
-
0x02
-
-
RTSEL
0y010
0y000
0y000
0y011
0y001
0y000
-
0y100
-
-
Error
(-0.79%)
(0%)
(0%)
(+0.81%)
(-1.36%)
(0%)
-
(+2.12%)
-
-
62500
UART0DR
0x07
0x06
0x05
0x05
0x04
0x04
0x03
0x03
0x01
0x00
RTSEL
0y000
0y100
0y001
0y000
0y000
0y011
0y100
0y000
0y000
0y000
Error
(0%)
(-0.87%)
(-0.70%)
(0%)
(0%)
(+1.48%)
(-1.41%)
(0%)
(0%)
(0%)
57600
UART0DR
0x08
0x07
0x06
0x06
0x04
0x04
-
0x03
0x01
0x00
RTSEL
0y011
0y000
0y010
0y010
0y100
0y100
-
0y100
0y100
0y100
Error
(-0.44%)
(0%)
(+1.59%)
(-0.79%)
(+2.12%)
(+0.39%)
-
(+2.12%)
(+2.12%)
(+2.12%)
38400
UART0DR
0x0C
0x0B
0x09
0x09
0x07
0x07
0x06
0x06
0x02
-
RTSEL
0y000
0y000
0y000
0y011
0y001
0y000
0y011
0y010
0y100
-
Error
(+0.16%)
(0%)
(0%)
(+0.81%)
(-1.36%)
(0%)
(+0.57%)
(-0.79%)
(+2.12%)
-
19200
UART0DR
0x19
0x17
0x13
0x12
0x10
0x0F
0x0D
0x0C
0x06
0x02
RTSEL
0y000
0y000
0y000
0y001
0y011
0y000
0y011
0y000
0y010
0y100
Error
(+0.16%)
(0%)
(0%)
(-0.32%)
(-1.17%)
(0%)
(+0.57%)
(+0.16%)
(-0.79%)
(+2.12%)
9600
UART0DR
0x30
0x2F
0x27
0x26
0x22
0x1F
0x1C
0x19
0x0C
0x06
RTSEL
0y100
0y000
0y000
0y000
0y010
0y000
0y010
0y000
0y000
0y010
Error
(+0.04%)
(0%)
(0%)
(+0.16%)
(-0.79%)
(0%)
(+0.34%)
(+0.16%)
(+0.16%)
(-0.79%)
4800
UART0DR
0x64
0x5F
0x4F
0x4D
0x40
0x3F
0x34
0x30
0x19
0x0C
RTSEL
0y001
0y000
0y000
0y000
0y000
0y000
0y001
0y100
0y000
0y000
Error
(+0.01%)
(0%)
(0%)
(+0.16%)
(+0.16%)
(0%)
(-0.18%)
(+0.04%)
(+0.16%)
(+0.16%)
2400
UART0DR
0xC9
0xBF
0x9F
0x92
0x8A
0x7F
0x6C
0x64
0x30
0x19
RTSEL
0y001
0y000
0y000
0y100
0y010
0y000
0y000
0y001
0y100
0y000
Error
(+0.01%)
(0%)
(0%)
(+0.04%)
(-0.08%)
(0%)
(+0.11%)
(+0.01%)
(+0.04%)
(+0.16%)
1200
UART0DR
-
-
-
-
0xF4
0xFF
0xE8
0xC9
0x64
0x30
RTSEL
-
-
-
-
0y100
0y000
0y010
0y001
0y001
0y100
Error
-
-
-
-
(+0.04%)
(+0%)
(-0.10%)
(+0.01%)
(+0.01%)
(+0.04%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com