Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 230 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 230 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 226Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 232Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 233Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 234Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 410 page
background image
Page 216
16. Asynchronous Serial Interface (UART)
16.6 Transfer Data Format
TMP89FS60
RA001
16.6 Transfer Data Format
The UART transfers data composed of the following four elements. The data from the start bit to the stop bit is col-
lectively defined as a "transfer frame". The start bit consists of 1 bit (L level) and the data consists of 8 bits. Parity
bits are determined by UART0CR1<PE> that selects the presence or absence of parity and UART0CR1<EVEN>
that selects even- or odd-numbered parity. The bit length of the stop bit can be selected at UART0CR1<STBT>.
Figure 16-2 shows the transfer data format.
• Start bit (1 bit)
• Data (8 bits)
• Parity bit (selectable from even-numbered, odd-numbered or no parity)
• Stop bit (selectable from 1 bit or 2 bits)
Figure 16-2 Transfer Data Format
16.7 Infrared Data Format Transfer Mode
The TXD0 pin can output data in the infrared data format (IrDA) by the setting of the IrDA output control register.
Setting UART0CR1<IRDASEL> to "1" allows the TXD0 pin to output data in the infrared data format.
Figure 16-3 Example of Infrared Data Format (Comparison between Normal Output and IrDA
Output)
Start
123456789
10
11
12
Bit 0
Stop 1
Start
Bit 0
Stop 1 Stop 2
Stop 1
Stop 1 Stop 2
Start
Bit 0
Bit 0
Start
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7 Parity
Parity
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
0
1
0
1
0
0
1
1
STBT
PE
Transfer frame
UART output
IrDA output
Start bit
Stop bit
D0
D1
D2
D7
3/16
Bit width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com