Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 227 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 227 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 223Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 224Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 225Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 226Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 410 page
background image
Page 213
TMP89FS60
RA001
16.3 Low Power Consumption Function
UART0 has a low power consumption register (POFFCR1) that saves power consumption when the UART func-
tion is not used.
Setting POFFCR1<UART0EN> to "0" disables the basic clock supply to UART0 to save power. Note that this ren-
ders the UART unusable. Setting POFFCR1<UART0EN> to "1" enables the basic clock supply to UART0 and ren-
ders the UART usable.
After reset, POFFCR1<UART0EN> is initialized to "0", and this renders the UART unusable. When using the
UART for the first time, be sure to set POFFCR1<UART0EN> to "1" in the initial setting of the program (before the
UART control register is operated).
Do not change POFFCR1<UART0EN> to "0" during the UART operation, otherwise UART0 may operate unex-
pectedly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com