Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 225 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 225 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 221Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 222Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 223Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 224Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 225Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 226Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 410 page
background image
Page 211
TMP89FS60
RA001
Note 1: When a read instruction is executed on UART0CR2, bits 7 and 6 are read as "0".
Note 2: RTSEL can be set to two kinds of RT clocks for the even- and odd-numbered bits of the transfer frame. For details, refer to
"16.8.1 Transfer baud rate calculation method".
Note 3: For details of the RXDNC noise rejection time, refer to "16.10 Received Data Noise Rejection".
Note 4: When the STOP, IDLE0 or SLEEP0 mode is activated, the UART stops automatically but each bit value of UART0CR2
remains unchanged.
Note 5: When STOPBR is set to 2 bits, the first bit of the stop bits (during data receiving) is not checked for a framing error.
Note 6: To prevent RTSEL, RXDNC and STOPBR from being changed accidentally during the UART communication, the register
cannot be rewritten during the UART operation. For details, refer to "16.4 Protection to Prevent UART0CR1 and
UART0CR2 Registers from Being Changed".
Note 1: Set UART0CR1<RXE> and UART0CR1<TXE> to "0" before changing UART0DR. For the set values, refer to "16.8 Trans-
fer Baud Rate".
Note 2: When UART0CR1<BRG> is set to the TCA0 output, the value set to UART0DR has no meaning.
Note 3: When the STOP, IDLE0 or SLEEP0 mode is activated, the UART stops automatically but each bit value of UART0DR
remains unchanged.
UART0 control register 2
UART0CR2
76543210
(0x001B)
Bit Symbol
-
-
RTSEL
RXDNC
STOPBR
Read/Write
R
R
R/W
R/W
R/W
After reset
00000000
RTSEL
Selects the number of RT clocks
Odd-numbered bits
of transfer frame
Even-numbered bits
of transfer frame
000:
16 clocks
16 clocks
001:
16 clocks
17 clocks
010:
15 clocks
15 clocks
011:
15 clocks
16 clocks
100:
17 clocks
17 clocks
101:
Reserved
11*:
Reserved
RXDNC
Selects the RXD input noise rejec-
tion time
(Time of pulses to be removed as
noise)
00:
01:
10:
11:
No noise rejection
1 x (UART0DR+1)/(Transfer base clock frequency) [s]
2 x (UART0DR+1)/(Transfer base clock frequency) [s]
4 x (UART0DR+1)/(Transfer base clock frequency) [s]
STOPBR
Receive stop bit length
0:
1:
1 bit
2 bits
UART0 baud rate register
UART0DR
76543
210
(0x001C)
Bit Symbol
UART0DR7
UART0DR6
UART0DR5
UART0DR4
UART0DR3
UART0DR2
UART0DR1
UART0DR0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
After reset
00000
000
UART0 status register
UART0SR
76543
210
(0x001D)
Bit Symbol
PERR
FERR
OERR
-
RBSY
RBFL
TBSY
TBFL
Read/Write
RRRRRRRR
After reset
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com