Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 228 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 228 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 224Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 225Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 226Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 232Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 410 page
background image
Page 214
16. Asynchronous Serial Interface (UART)
16.4 Protection to Prevent UART0CR1 and UART0CR2 Regis-
ters from Being Changed
TMP89FS60
RA001
16.4 Protection to Prevent UART0CR1 and UART0CR2 Registers from Being
Changed
The TMP89FS60 has a function that protects the registers from being changed so that the UART communication
settings (for example, stop bit and parity) are not changed accidentally during the UART operation.
Specific bits of UART0CR1 and UART0CR2 can be changed only under the conditions shown in Table 16-3. If a
write instruction is executed on the register when it is protected from being changed, the bits remain unchanged and
keep their previous values.
Table 16-3 Changing of UART0CR1 and UART0CR2
Bit to be changed
Function
Conditions that allow the bit to be changed
UART0CR1
<TXE>
UART0SR
<TBSY>
UART0CR1
<RXE>
UART0SR
<RBSY>
UART0CR1<STOPBT>
Transmit stop bit length
Both of these bits are "0"
-
-
UART0CR1<EVEN>
Parity selection
All of these bits are "0"
UART0CR1<PE>
Parity addition
UART0CR1<IRDASEL>
TXD pin output selection
Both of these bits are "0"
-
-
UART0CR1<BRG>
Transfer base clock selec-
tion
All of these bits are "0"
UART0CR2<RTSEL>
Selection of number of RT
clocks
UART0CR2<RXDNC>
Selection of RXD pin input
noise rejection time
-
-
Both of these bits are "0"
UART0CR2<STOPBR>
Receive stop bit length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com