Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 229 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 229 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 225Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 226Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 227Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 228Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 229Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 230Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 231Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 232Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 233Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 410 page
background image
Page 215
TMP89FS60
RA001
16.5 Activation of STOP, IDLE0 or SLEEP0 Mode
16.5.1 Transition of register status
When the STOP, IDLE0 or SLEEP0 mode is activated, the UART stops automatically and each register
becomes the status as shown in Table 16-4. For the registers that do not hold their values, make settings again
as needed after the operation mode is recovered.
16.5.2 Transition of TXD pin status
When the IDLE0, SLEEP0 or STOP mode is activated, the TXD pin reverts to the status shown in Table 16-
5, whether data is transmitted/received or the operation is stopped.
Table 16-4 Transition of Register Status
7654321
0
UART0CR1
TXE
RXE
STOPBT
EVEN
PE
IRDASEL
BRG
-
Cleared to
0
Cleared to
0
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
-
UART0CR2
-
-
RTSEL
RXDNC
STOPBR
--
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
UART0SR
PERR
FERR
OERR
-
RBSY
RBFL
TBSY
TBFL
Cleared to
0
Cleared to
0
Cleared to
0
-
Cleared to
0
Cleared to
0
Cleared to
0
Cleared to
0
UART0DR
UART0DR7
UART0DR6
UART0DR5
UART0DR4
UART0DR3
UART0DR2
UART0DR1
UART0DR0
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
Hold the
value
RD0BUF
RD0DR7
RD0DR6
RD0DR5
RD0DR4
RD0DR3
RD0DR2
RD0DR1
RD0DR0
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
TD0BUF
TD0DR7
TD0DR6
TD0DR5
TD0DR4
TD0DR3
TD0DR2
TD0DR1
TD0DR0
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Indetermi-
nate
Table 16-5 TXD Pin Status When the STOP, IDLE0 or SLEEP0 Mode Is Activated
UART0CR1
<IRDASEL>
IDLE0 or SLEEP0 mode
STOP mode
SYSCR1<OUTEN>="1"
SYSCR1<OUTEN>="0"
"0"
H level
H level
Hi-Z
"1"
L level
L level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com