Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 268 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 268 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 264Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 265Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 266Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 267Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 268Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 269Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 270Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 271Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 272Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 410 page
background image
Page 254
17. Synchronous Serial Interface (SIO)
17.5 Transfer Modes
TMP89FS60
RA001
17.5.3 8-bit transmit/receive mode
The 8-bit transmit/receive mode is selected by setting SIO0CR<SIOM> to "11".
17.5.3.1 Setting
Before starting the transmit/receive operation, select the transfer edges at SIO0CR<SIOEDG>, a trans-
fer format at SIO0CR<SIODIR> and a serial clock at SIO0CR<SIOCKS>. To use the internal clock as the
serial clock, select an appropriate serial clock at SIO0CR<SIOCKS>. To use an external clock as the
serial clock, set SIO0CR<SIOCKS> to "111".
The 8-bit transmit/receive mode is selected by setting SIO0CR<SIOM> to "11".
The transmit/receive operation is started by writing the first byte of transmit data to SIO0BUF and then
setting SIO0CR<SIOS> to "1".
Writing data to SIO0CR<SIOEDG, SIOCKS and SIODIR> is invalid when the serial communication is
in progress, or when SIO0SR<SIOF> is "1". Make these settings while the serial communication is
stopped. While the serial communication is in progress (SIO0SR<SIOF>="1"), only writing "00" to
SIO0CR<SIOM> or writing "0" to SIOCR<SIOS> is valid.
17.5.3.2 Starting the transmit/receive operation
The transmit/receive operation is started by writing data to SIO0BUF and then setting SIO0CR<SIOS>
to "1". The transmit data is transferred from SIO0BUF to the shift register, and the serial data is transmit-
ted from the SO0 pin according to the settings of SIO0CR<SIOEDG, SIOCKS and SIODIR>. At the same
time, the serial data is received from the SI0 pin according to the settings of SIO0CR<SIOEDG, SIOCKS
and SIODIR>.
In the internal clock operation, the serial clock of the selected baud rate is output from the SCLK0 pin.
In the external clock operation, an external clock must be supplied to the SCLK0 pin.
The transmit data becomes undefined if the transmit/receive operation is started without writing any
transmit data to SIO0BUF.
By setting SIO0CR<SIOS> to "1", SIO0SR<SIOF and SEF> are automatically set to "1" and an
INTSIO0 interrupt request is generated.
SIO0SR<SEF> is cleared to "0" when the 8th bit of data is received.
17.5.3.3 Transmit buffer and shift operation
If any data is written to SIO0BUF when the serial communication is in progress and the shift register is
empty, the written data is transferred to the shift register immediately. At this time, SIO0SR<TBFL>
remains at "0".
If any data is written to SIO0BUF when some data remains in the shift register, SIO0SR<TBFL> is set
to "1". If new data is written to SIO0BUF in this state, the contents of SIO0BUF are overwritten by the
new value. Make sure that SIO0SR<TBFL> is "0" before writing data to SIO0BUF.
17.5.3.4 Operation on completion of transmission/reception
When the data transmission/reception is completed, SIO0SR<REND> is set to "1" and an INTSIO0
interrupt request is generated. The operation varies depending on the operating clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com