Electronic Components Datasheet Search
  English  ▼

X  

TMP89FS60 Datasheet(PDF) 269 Page - Toshiba Semiconductor

Part # TMP89FS60
Description  8 Bit Microcontroller
PDF  410 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP89FS60 Datasheet(HTML) 269 Page - Toshiba Semiconductor

Back Button TMP89FS60 Datasheet HTML 265Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 266Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 267Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 268Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 269Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 270Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 271Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 272Page - Toshiba Semiconductor TMP89FS60 Datasheet HTML 273Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 410 page
background image
Page 255
TMP89FS60
RA001
(1)
When the internal clock is used
If SIO0SR<TBFL> is "1", it is cleared to "0" and the transmit/receive operation continues. If
SIO0SR<REND> is already "1", SIO0SR<OERR> is set to "1".
If SIO0SR<TBFL> is "0", the transmit/receive operation is aborted. The SCLK0 pin becomes the
initial state and the SO0 pin becomes the "H" level. SIO0SR<SEF> remains at "0". When the subse-
quent data is written to SIO0BUF, SIO0SR<SEF> is set to "1", the SCLK0 pin outputs the clock and
the transmit/receive operation is restarted. To confirm the receive data, read it from SIO0BUF before
writing data to SIO0BUF.
(2)
When an external clock is used
The transmit/receive operation continues. If the external serial clock is input without writing any
data to SIO0BUF, the last data value set to SIO0BUF is re-transmitted. At this time, the transmit
underrun error flag SIO0SR<UERR> is set to "1".
When the next 8-bit data is received completely before SIO0BUF is read, or in the state of
SIO0SR<REND>="1", SIO0SR<OERR> is set to "1".
17.5.3.5 Stopping the transmit/receive operation
Set SIO0CR<SIOS> to "0" to stop the transmit/receive operation. When SIO0SR<SEF> is "0", or when
the shift operation is not in progress, the operation is stopped immediately. Unlike the transmit mode, no
INTSIO0 interrupt request is generated in this state.
When SIO0SR<SEF> is "1", the operation is stopped after the 8-bit data is received completely. At this
time, an INTSIO0 interrupt request is generated.
After the operation has stopped completely, SIO0SR<SIOF, SEF and TBFL> are cleared to "0". Other
SIO0SR registers keep their values.
If the internal clock has been used, the SO0 pin automatically returns to the "H" level. If an external
clock has been used, the SO0 pin keeps the last output value. To return the SO0 pin to the "H" level, write
"00" to SIO0CR<SIOM> when the operation is stopped.
The transmit/receive operation can be forced to stop by setting SIO0CR<SIOM> to "00" during the
operation. By setting SIO0CR<SIOM> to "00", SIO0CR<SIOS> and SIO0SR are cleared to "0" and the
SIO stops the operation, regardless of the SIO0SR<SEF> value. The SO0 pin becomes the "H" level. If
the internal clock is selected, the SCLK0 pin returns to the initial level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com